Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1330 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN1330
Description  Designing with the L5970D 1A high efficiency DC-DC converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1330 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN1330 Datasheet HTML 21Page - STMicroelectronics AN1330 Datasheet HTML 22Page - STMicroelectronics AN1330 Datasheet HTML 23Page - STMicroelectronics AN1330 Datasheet HTML 24Page - STMicroelectronics AN1330 Datasheet HTML 25Page - STMicroelectronics AN1330 Datasheet HTML 26Page - STMicroelectronics AN1330 Datasheet HTML 27Page - STMicroelectronics AN1330 Datasheet HTML 28Page - STMicroelectronics AN1330 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
AN1330
Application information
25/31
Figure 24.
Junction temperature vs. output current (VCC = 12 V)
Figure 22.
Junction temperature vs. output
current (VCC = 24 V)
Figure 23.
Efficiency vs. output current (VCC =
5 V)
0
20
40
60
80
100
120
140
0.2
0.4
0.6
0.8
1
1.2
1.4
Io(A)
Tj(°C)
Vo=18V
Vo=12V
Vo=5V
Vcc=24V
Tamb=25°C
70
72
74
76
78
80
82
84
86
88
90
92
94
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Io (A)
Vo=3.3V
Vo=2.5V
Vo=1.8V
Vcc=5V
70
72
74
76
78
80
82
84
86
88
90
92
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Io (A)
Vcc=12V
Vo=5V
Vo=3.3V
Vo=2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com