Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1330 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN1330
Description  Designing with the L5970D 1A high efficiency DC-DC converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1330 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN1330 Datasheet HTML 23Page - STMicroelectronics AN1330 Datasheet HTML 24Page - STMicroelectronics AN1330 Datasheet HTML 25Page - STMicroelectronics AN1330 Datasheet HTML 26Page - STMicroelectronics AN1330 Datasheet HTML 27Page - STMicroelectronics AN1330 Datasheet HTML 28Page - STMicroelectronics AN1330 Datasheet HTML 29Page - STMicroelectronics AN1330 Datasheet HTML 30Page - STMicroelectronics AN1330 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
AN1330
Compensation network with MLCC (multiple layer ceramic capacitor) at the output
29/31
Figure 30.
Soft start network example
L1
VIN=4.4V to 25V
C1
10uF
25V
CERAMIC
D1
STPS2L25U
Vcc
COMP
GND
OUT
FB
INH
SYNC
VREF
1
3
7
5
6
4
8
2
R3=4.7K
33uH
Coilcraft
C4=22nF
C2
100uF
10V
L5970D
VOUT=3.3V
C3=220pF
VREF
R=4K7
Css=2.7nF
BC327
R1=5.6K
R2=3.3K
L1
VIN=4.4V to 25V
C1
10uF
25V
CERAMIC
D1
STPS2L25U
Vcc
COMP
GND
OUT
FB
INH
SYNC
VREF
1
3
7
5
6
4
8
2
R3=4.7K
33uH
Coilcraft
C4=22nF
C2
100uF
10V
L5970D
VOUT=3.3V
C3=220pF
VREF
R=4K7
VREF
R=4K7
Css=2.7nF
BC327
R1=5.6K
R2=3.3K
AM00026v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com