Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1330 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN1330
Description  Designing with the L5970D 1A high efficiency DC-DC converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1330 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN1330 Datasheet HTML 23Page - STMicroelectronics AN1330 Datasheet HTML 24Page - STMicroelectronics AN1330 Datasheet HTML 25Page - STMicroelectronics AN1330 Datasheet HTML 26Page - STMicroelectronics AN1330 Datasheet HTML 27Page - STMicroelectronics AN1330 Datasheet HTML 28Page - STMicroelectronics AN1330 Datasheet HTML 29Page - STMicroelectronics AN1330 Datasheet HTML 30Page - STMicroelectronics AN1330 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Compensation network with MLCC (multiple layer ceramic capacitor) at the output
AN1330
28/31
7
Compensation network with MLCC (multiple layer
ceramic capacitor) at the output
MLCCs with values in the range of 10 µF-22 µF and rated voltages in the range of 10 V-25 V
are available today at relatively low cost from many manufacturers.
These capacitors have very low ESR values (a few m
Ω) and thus are occasionally used for
the output filter in order to reduce the voltage ripple and the overall size of the application.
However, a very low ESR value affects the compensation of the loop (see Section 4: Closing
the loop) and in order to keep the system stable, a more complicated compensation network
may be required. Figure 29 shows an example of a compensation network that stabilizes the
system with ceramic capacitors at the output (the optimum component value depends on
the application).
Figure 29.
MLCC compensation network example
7.1
External SOFT_START network
At the start-up, the device can quickly increase the current up to the current limit in order to
charge the output capacitor. If a soft ramp-up of the output voltage is required, an external
soft-start network can be implemented as shown in Figure 30.
The capacitor C is charged up to an external reference (through R), and the BJT clamps the
COMP pin.
This clamps the duty cycle, limiting the slew rate of the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com