Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4241 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4241
Description  The L6470 and L6472 are fully integrated motor drivers providing
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4241 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4241 Datasheet HTML 3Page - STMicroelectronics AN4241 Datasheet HTML 4Page - STMicroelectronics AN4241 Datasheet HTML 5Page - STMicroelectronics AN4241 Datasheet HTML 6Page - STMicroelectronics AN4241 Datasheet HTML 7Page - STMicroelectronics AN4241 Datasheet HTML 8Page - STMicroelectronics AN4241 Datasheet HTML 9Page - STMicroelectronics AN4241 Datasheet HTML 10Page - STMicroelectronics AN4241 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AN4241
Motion engine
Doc ID 024193 Rev 1
7/18
2.1
Speed tracking commands
During the speed tracking, the device dynamically changes the motor speed according to
the application requirements. The Run command can be used to achieve this result.
The Run command sets the speed target and direction which the motor has to reach. Both
speed target and direction can be changed in real time through a new Run command (see
Figure 3).
GoUntil
4 (including 3
of arguments)
Reaching the speed target in the requested
direction and stopping when SW input is
forced low (falling edge).
Always accepted and
immediately executed
(if present, the previous
command is aborted)
ReleaseSW
1
Runnig the motor at low speed in the
requested direction and stopping when SW
input is forced high (rising edge).
Always accepted and
immediately executed
(if present, the previous
command is aborted)
SoftStop
1
Stopping the motor in accordance to the
programmed speed profile.
Always accepted and
immediately executed
(if present, the previous
command is aborted)
HardStop
1
Stopping the motor immediately (infinite
deceleration).
Always accepted and
immediately executed
(if present, the previous
command is aborted)
SoftHiZ
1
Stopping the motor in accordance to the
programmed speed profile and then
disabling the power bridges.
Always accepted and
immediately executed
(if present, the previous
command is aborted)
HardHiz
1
Disabling the power bridges immediately.
Always accepted and
immediately executed
(if present, the previous
command is aborted)
Table 1.
Command list (continued)
Name
Length
(bytes)
Description
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com