Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4241 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4241
Description  The L6470 and L6472 are fully integrated motor drivers providing
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4241 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4241 Datasheet HTML 1Page - STMicroelectronics AN4241 Datasheet HTML 2Page - STMicroelectronics AN4241 Datasheet HTML 3Page - STMicroelectronics AN4241 Datasheet HTML 4Page - STMicroelectronics AN4241 Datasheet HTML 5Page - STMicroelectronics AN4241 Datasheet HTML 6Page - STMicroelectronics AN4241 Datasheet HTML 7Page - STMicroelectronics AN4241 Datasheet HTML 8Page - STMicroelectronics AN4241 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AN4241
The L6470 and L6472 communication interface
Doc ID 024193 Rev 1
3/18
1
The L6470 and L6472 communication interface
The device (always slave) can be driven by a MCU (always master) sending commands
through an 8-bit SPI interface. The 8-bit shift register of the device is kept enabled while CS
input is forced low. During this time, at every raising edge of the serial clock (CK), the SDI
input is stored into the shift register. At CK falling edges the SDO output is updated
according to the last bit of the shift register.
When the CS input is raised, the device catches the shift register content and interprets its
value as a command or an argument of the previously received command.
All the bytes are sent through the SPI data lines starting from the most significant bit.
1.1
Communication protocol
The communication protocol is based on single byte commands that can be followed by a
command argument up to 3 byte long which must be transmitted starting from the most
significant byte.
Part of the information needed to execute the target operation could be embedded into the
command byte, for example the target register address in the GetParam and SetParam
commands, and the argument provides extra data as well as the target position of the GoTo
command.
By default the response byte of the device is h00 (hexadecimal format). Some commands,
for example those used to read the value of a register, generate a response from the device
up to 3 byte long which is transmitted during the following transmission cycles starting from
the most significant byte.
1.2
Daisy chain
The device is compatible with the daisy chain architecture allowing the MCU to drive
multiple devices with a single SPI interface.
The daisy chain architecture is obtained as follows:
●
Master serial clock line is connected to the CK input of each slave device;
●
Master slave select line is connected to the CS input of each slave device;
●
Master serial data output (MOSI) is connected to the SDI input of the first slave of the
chain;
●
The SDO output of each slave device is connected to the SDI input of the next one, last
slave excluded;
●
Master serial data input (MISO) is connected to the SDO output of the last slave of the
chain,
The connection diagram of the configuration is shown in Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com