Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4241 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN4241
Description  The L6470 and L6472 are fully integrated motor drivers providing
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4241 Datasheet(HTML) 2 Page - STMicroelectronics

  AN4241 Datasheet HTML 1Page - STMicroelectronics AN4241 Datasheet HTML 2Page - STMicroelectronics AN4241 Datasheet HTML 3Page - STMicroelectronics AN4241 Datasheet HTML 4Page - STMicroelectronics AN4241 Datasheet HTML 5Page - STMicroelectronics AN4241 Datasheet HTML 6Page - STMicroelectronics AN4241 Datasheet HTML 7Page - STMicroelectronics AN4241 Datasheet HTML 8Page - STMicroelectronics AN4241 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Contents
AN4241
2/18
Doc ID 024193 Rev 1
Contents
1
The L6470 and L6472 communication interface . . . . . . . . . . . . . . . . . . . 3
1.1
Communication protocol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
1.2
Daisy chain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
1.3
5 V and 3.3 V communication interface . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2
Motion engine . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
2.1
Speed tracking commands . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2.2
Positioning commands . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
2.2.1
Change the target position of the on-the-fly command . . . . . . . . . . . . . . 9
2.3
Stop commands . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
2.4
Initializing position using GoUntil and ReleaseSW commands . . . . . . . . 10
3
Protections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
3.1
Overtemperature protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
3.2
Overcurrent protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
3.3
Undervoltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
4
Stall detection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
5
Main clock source . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
6
Layout suggestions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
7
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com