Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4325 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4325
Description  Getting started with STM32F030xx hardware development
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4325 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4325 Datasheet HTML 3Page - STMicroelectronics AN4325 Datasheet HTML 4Page - STMicroelectronics AN4325 Datasheet HTML 5Page - STMicroelectronics AN4325 Datasheet HTML 6Page - STMicroelectronics AN4325 Datasheet HTML 7Page - STMicroelectronics AN4325 Datasheet HTML 8Page - STMicroelectronics AN4325 Datasheet HTML 9Page - STMicroelectronics AN4325 Datasheet HTML 10Page - STMicroelectronics AN4325 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
DocID024966 Rev 1
7/27
AN4325
Power supplies and reset sources of the STM32F030 family
26
1.1.1
Independent analog converter supply
To improve conversion accuracy and to extend the supply flexibility, the analog domain has
an independent power supply which can be separately filtered and shielded from noise on
the PCB.
The ADC voltage supply input is available on a separate VDDA pin.
An isolated supply ground connection is provided on pin VSSA.
The VDDA supply can be equal to or higher than VDD. This allows VDD to stay low while still
providing the full performance for the analog blocks.
When a single supply is used, VDDA must be externally connected to VDD. It is
recommended to use an external filtering circuit in order to ensure a noise free VDDA.
When VDDA is different from VDD, VDDA must be always higher or equal to VDD. To keep
safe potential difference between VDDA and VDD during power-up/power-down, an external
Schottky diode may be used between VDD and VDDA. Refer to the datasheet for the
maximum allowed difference.
Figure 2. Schottky diode connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com