Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4325 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4325
Description  Getting started with STM32F030xx hardware development
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4325 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4325 Datasheet HTML 5Page - STMicroelectronics AN4325 Datasheet HTML 6Page - STMicroelectronics AN4325 Datasheet HTML 7Page - STMicroelectronics AN4325 Datasheet HTML 8Page - STMicroelectronics AN4325 Datasheet HTML 9Page - STMicroelectronics AN4325 Datasheet HTML 10Page - STMicroelectronics AN4325 Datasheet HTML 11Page - STMicroelectronics AN4325 Datasheet HTML 12Page - STMicroelectronics AN4325 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
DocID024966 Rev 1
9/27
AN4325
Power supplies and reset sources of the STM32F030 family
26
1.2
Reset and power supply supervisor
1.2.1
Power-on reset (POR) / power-down reset (PDR)
The device has an integrated power-on reset (POR) and power-down reset (PDR) circuits
which are always active and ensure proper operation above a threshold of 2.4 V.
The device remains in Reset mode when the monitored supply voltage is below a specified
threshold, VPOR/PDR, without the need for an external reset circuit.
The POR monitors only the VDD supply voltage. During the startup phase VDDA must
arrive first and be greater than or equal to VDD.
The PDR monitors both the VDD and VDDA supply voltages. However, the VDDA power
supply supervisor can be disabled (by programming a dedicated option bit
VDDA_MONITOR) to reduce the power consumption if the application design ensures that
VDDA is higher than or equal to VDD.
For more details on the power on / power down reset threshold, refer to the electrical
characteristics section in the datasheet.
Figure 3. Power on reset/power down reset waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com