Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BCX51_52_53 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BCX51_52_53
Description  PNP MEDIUM POWER TRANSISTORS IN SOT89
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCX51_52_53 Datasheet(HTML) 1 Page - Diodes Incorporated

  BCX51_52_53_15 Datasheet HTML 1Page - Diodes Incorporated BCX51_52_53_15 Datasheet HTML 2Page - Diodes Incorporated BCX51_52_53_15 Datasheet HTML 3Page - Diodes Incorporated BCX51_52_53_15 Datasheet HTML 4Page - Diodes Incorporated BCX51_52_53_15 Datasheet HTML 5Page - Diodes Incorporated BCX51_52_53_15 Datasheet HTML 6Page - Diodes Incorporated BCX51_52_53_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BCX51/ 52/ 53
Datasheet Number: DS35368 Rev. 7 - 2
1 of 7
www.diodes.com
June 2015
© Diodes Incorporated
BCX51/ 52/ 53
PNP MEDIUM POWER TRANSISTORS IN SOT89
Features
BVCEO > -45V, -60V & -80V
IC = -1A Continuous Collector Current
ICM = -2A Peak Pulse Current
Low Saturation Voltage VCE(SAT) < -500mV @ -0.5A
Gain Groups 10 and 16
Complementary NPN Types: BCX54, 55 and 56
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. "Green" Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SOT89
Case Material: Molded Plastic, “Green” Molding Compound;
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish Leads; Solderable per MIL-STD-202
Method 208
Weight: 0.052 grams (Approximate)
Applications
Medium Power Switching or Amplification Applications
AF Driver and Output Stages
Ordering Information (Notes 4 & 5)
Product
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
BCX51TA
AEC-Q101
AA
7
12
1,000
BCX51-13R
AEC-Q101
AA
13
12
4,000
BCX5110TA
AEC-Q101
AC
7
12
1,000
BCX5116TA
AEC-Q101
AD
7
12
1,000
BCX5116TC
AEC-Q101
AD
13
12
4,000
BCX52TA
AEC-Q101
AE
7
12
1,000
BCX5210TA
AEC-Q101
AG
7
12
1,000
BCX5216TA
AEC-Q101
AM
7
12
1,000
BCX5216QTA
Automotive
AM
7
12
1,000
BCX53TA
AEC-Q101
AH
7
12
1,000
BCX5310TA
AEC-Q101
AK
7
12
1,000
BCX5316TA
AEC-Q101
AL
7
12
1,000
BCX5316TC
AEC-Q101
AL
13
12
4,000
BCX5316-13R
AEC-Q101
AL
13
12
4,000
BCX5316QTA
Automotive
Refer to http://diodes.com/datasheets/BCX5316Q.pdf
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
xx = Product Type Marking Code, as follows:
BCX51
= AA
BCX52
= AE
BCX53
= AH
BCX5110 = AC
BCX5210 = AG
BCX5310 = AK
BCX5116 = AD
BCX5216 = AM
BCX5316 = AL
C
E
B
Top View
Device Symbol
Top View
Pin-Out
SOT89
C
E
C
B
xx
e3
SOT89


Similar Part No. - BCX51_52_53_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX51-10 PHILIPS-BCX51-10 Datasheet
42Kb / 8P
PNP medium power transistors
1999 Apr 19
logo
Siemens Semiconductor G...
BCX51-10 SIEMENS-BCX51-10 Datasheet
146Kb / 5P
PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX51-10 INFINEON-BCX51-10 Datasheet
141Kb / 5P
PNP Silicon AF Transistors
Feb-10-2004
logo
Guangdong Kexin Industr...
BCX51-10 KEXIN-BCX51-10 Datasheet
53Kb / 2P
PNP Medium Power Transistors
logo
Micro Commercial Compon...
BCX51-10 MCC-BCX51-10 Datasheet
231Kb / 2P
PNP Plastic-Encapsulate Transistors
More results

Similar Description - BCX51_52_53_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCX53-16 ZETEX-BCX53-16 Datasheet
28Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
BSR31 ZETEX-BSR31 Datasheet
16Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
ZXTP19100CZ DIODES-ZXTP19100CZ Datasheet
429Kb / 8P
100V PNP medium power transistor in SOT89
FEBRUARY 2008
ZXTP25040DZ DIODES-ZXTP25040DZ Datasheet
392Kb / 8P
40V PNP medium power transistor in SOT89
DECEMBER 2007
BCX51 DIODES-BCX51 Datasheet
132Kb / 7P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
Rev 2
BCX54_55_56 DIODES-BCX54_55_56_15 Datasheet
310Kb / 7P
NPN MEDIUM POWER TRANSISTORS IN SOT89
Rev 6
BCX5316Q DIODES-BCX5316Q_15 Datasheet
363Kb / 7P
80V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 2
2DB1386Q DIODES-2DB1386Q_15 Datasheet
267Kb / 6P
20V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 7
logo
SHIKUES Electronics
BCX51 SKTECHNOLGY-BCX51 Datasheet
1Mb / 4P
PNP Silcon Planar Medium Power Transistors In SOT89
logo
Diodes Incorporated
BSR31 DIODES-BSR31 Datasheet
27Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
FEBRUARY 1996
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com