Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BCX51_52_53 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BCX51_52_53
Description  PNP MEDIUM POWER TRANSISTORS IN SOT89
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCX51_52_53 Datasheet(HTML) 4 Page - Diodes Incorporated

  BCX51_52_53_15 Datasheet HTML 1Page - Diodes Incorporated BCX51_52_53_15 Datasheet HTML 2Page - Diodes Incorporated BCX51_52_53_15 Datasheet HTML 3Page - Diodes Incorporated BCX51_52_53_15 Datasheet HTML 4Page - Diodes Incorporated BCX51_52_53_15 Datasheet HTML 5Page - Diodes Incorporated BCX51_52_53_15 Datasheet HTML 6Page - Diodes Incorporated BCX51_52_53_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BCX51/ 52/ 53
Datasheet Number: DS35368 Rev. 7 - 2
4 of 7
www.diodes.com
June 2015
© Diodes Incorporated
BCX51/ 52/ 53
Electrical Characteristics (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base
Breakdown Voltage
BCX51
BVCBO
-45
—
—
V
IC = -100µA
BCX52
-60
BCX53
-100
Collector-Emitter
Breakdown Voltage (Note 11)
BCX51
BVCEO
-45
—
—
V
IC = -10mA
BCX52
-60
BCX53
-80
Emitter-Base Breakdown Voltage
BVEBO
-5
—
—
V
IE = -10µA
Collector Cut-Off Current
ICBO
—
—
-0.1
-20
μA
VCB = -30V
VCB = -30V, TJ = +150°C
Emitter Cut-Off Current
IEBO
—
—
-20
nA
VEB = -5V
Static Forward Current Transfer Ratio
(Note 11)
All versions
hFE
25
40
25
—
—
—
—
250
—
—
IC = -5mA, VCE = -2V
IC = -150mA, VCE = -2V
IC = -500mA, VCE = -2V
10 gain grp
63
—
160
IC = -150mA, VCE = -2V
16 gain grp
100
—
250
IC = -150mA, VCE = -2V
Collector-Emitter Saturation Voltage (Note 11)
VCE(sat)
—
—
-0.5
V
IC = -500mA, IB = -50mA
Base-Emitter Turn-On Voltage (Note 11)
VBE(on)
—
—
-1.0
V
IC = -500mA, VCE = -2V
Transition Frequency
fT
150
—
—
MHz
IC = -50mA, VCE = -10V
f = 100MHz
Output Capacitance
Cobo
—
—
25
pF
VCB = -10V, f = 1MHz
Note:
11.
Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.
0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
4
5
-V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
I = 2mA
B
I = 4mA
B
I = 6mA
B
I = 8mA
B
I = 10mA
B
Fig. 1 Typical Collector Current
vs. Collector-Emitter Voltage
0
100
200
300
400
500
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
Fig. 2 Typical DC Current Gain vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
V
= -5V
CE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com