Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1550IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1550IGN
Description  Low Noise, Switched Capacitor Regulated Voltage Inverters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1550IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1550IGN Datasheet HTML 4Page - Linear Technology LTC1550IGN Datasheet HTML 5Page - Linear Technology LTC1550IGN Datasheet HTML 6Page - Linear Technology LTC1550IGN Datasheet HTML 7Page - Linear Technology LTC1550IGN Datasheet HTML 8Page - Linear Technology LTC1550IGN Datasheet HTML 9Page - Linear Technology LTC1550IGN Datasheet HTML 10Page - Linear Technology LTC1550IGN Datasheet HTML 11Page - Linear Technology LTC1550IGN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1550/LTC1551
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
GN Package
16-Lead Plastic SSOP (Narrow 0.150)
(LTC DWG # 05-08-1641)
GN16 (SSOP) 0895
* DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
12
3
4
5
6
7
8
0.229 – 0.244
(5.817 – 6.198)
0.150 – 0.157**
(3.810 – 3.988)
16 15 14 13
0.189 – 0.196*
(4.801 – 4.978)
12 11 10 9
0.016 – 0.050
(0.406 – 1.270)
0.015
± 0.004
(0.38
± 0.10)
× 45°
0
° – 8° TYP
0.0075 – 0.0098
(0.191 – 0.249)
0.053 – 0.069
(1.351 – 1.748)
0.008 – 0.012
(0.203 – 0.305)
0.004 – 0.009
(0.102 – 0.249)
0.025
(0.635)
BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com