Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1550IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1550IGN
Description  Low Noise, Switched Capacitor Regulated Voltage Inverters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1550IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1550IGN Datasheet HTML 4Page - Linear Technology LTC1550IGN Datasheet HTML 5Page - Linear Technology LTC1550IGN Datasheet HTML 6Page - Linear Technology LTC1550IGN Datasheet HTML 7Page - Linear Technology LTC1550IGN Datasheet HTML 8Page - Linear Technology LTC1550IGN Datasheet HTML 9Page - Linear Technology LTC1550IGN Datasheet HTML 10Page - Linear Technology LTC1550IGN Datasheet HTML 11Page - Linear Technology LTC1550IGN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1550/LTC1551
15501fa LT/TP 0897 REV A 4K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1996
TYPICAL APPLICATION
< 1mVP-P Ripple, –4.1V Output GaAs FET Bias Generator
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT
®1054
Switched-Capacitor Voltage Converter with Regulator
100mA Switched-Capacitor Converter
LTC1261
Switched-Capacitor Regulated Voltage Inverter
Selectable Fixed Output Voltages
LTC1429
Clock-Synchronized Switched-Capacitor Voltage Inverter
Synchronizable Up to 2MHz System Clock
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
1
2
4.5V
≤ VCC ≤ 6.5V
8
7
SENSE
CPOUT
SHDN
VCC
C1+
VOUT
LTC1550
– 4.1V
GND
C1
COUT
10
µF
1550/51 TA03
CCP
0.1
µF
GaAs
TRANSMITTER
C1
0.1
µF
CIN
4.7
µF
3
4
6
5
CL
0.1
µF
FERRITE BEAD
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com