Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1550IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1550IGN
Description  Low Noise, Switched Capacitor Regulated Voltage Inverters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1550IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1550IGN Datasheet HTML 4Page - Linear Technology LTC1550IGN Datasheet HTML 5Page - Linear Technology LTC1550IGN Datasheet HTML 6Page - Linear Technology LTC1550IGN Datasheet HTML 7Page - Linear Technology LTC1550IGN Datasheet HTML 8Page - Linear Technology LTC1550IGN Datasheet HTML 9Page - Linear Technology LTC1550IGN Datasheet HTML 10Page - Linear Technology LTC1550IGN Datasheet HTML 11Page - Linear Technology LTC1550IGN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1550/LTC1551
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 0996
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com