Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF5365 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5365
Description  2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5365 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5365 Datasheet HTML 1Page - RF Micro Devices RF5365 Datasheet HTML 2Page - RF Micro Devices RF5365 Datasheet HTML 3Page - RF Micro Devices RF5365 Datasheet HTML 4Page - RF Micro Devices RF5365 Datasheet HTML 5Page - RF Micro Devices RF5365 Datasheet HTML 6Page - RF Micro Devices RF5365 Datasheet HTML 7Page - RF Micro Devices RF5365 Datasheet HTML 8Page - RF Micro Devices RF5365 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140527
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 11
RF5365
Parameter
Specification
Unit
Condition
Min
Typ
Max
Compliance (continued)
IEEE802.11b/g/n Standards; FCC CFG 15.247, .205, .209;
EN and JDEC
Output Power Range
0
23
dBm
Voltage Range
0.1
1.5
VDC
Voltage at POUT = 18dBm
0.6
0.65
0.7
dB
11g; 50
Ω; V
CC = 3.0V to 4.8 V
Filter Bandwidth
0.1
MHz
Sensitivity
PDETECT < 0.5 V
10
mV/dB
PDETECT > 0.5 V
20
mV/dB
Voltage Target at 23 dBm POUT
1.2
V
Load Variation
±200
mV
up to 3:1 VSWR
Current Consumption
Quiescent
135
180
mA
VCC=3.0V to 4.8 V All Temp
Operating
170
220
mA
VCC < 4.2 VDC, POUT = 18dBm, 11 n, 50 W,, Temp=25 °C
Operating
230
mA
VCC < 4.8 VDC, POUT = 17.5dBm, 11 n, 50 W,, All Temp
Operating
210
270
mA
VCC < 4.2 VDC, POUT = 21dBm, 11b, 50 W, All Temp
VREG
3
5
mA
T = 25°C
FEM Leakage
500
nA
VCC = “ON”, VREG = 0.2 VDC, RF OFF
VREG Leakage
50
nA
Noise Figure
8
9
dB
Input Return Loss
8
10
dB
Thermal Resistance
52
°C/W
VCC=4.8V, VREG=2.95V, C_TX=3.3V, C_TX=3.3, C_RX=C_BT=GND, POUT =
18dBm, Modulation=OFDM 11g, Freq=2.45GHz, DC=100%, T=85°C
Harmonics
POUT = 21dBm, 1 Mbps, CCK BW = 1 MHz, up to 3:1 load
Second
-15
dBm
4.80 GHz to 5.00 GHz, VCC = 3.3 V, Temp=25°C
Third
-20
dBm
7.20 GHz to 7.50 GHz, VCC = 3.3 V, Temp=25°C
Stability
PA must be stable from 0dBm to 21dBm. CW Signal, No spurs above
-41.25dBm for non-harmonic related signals.
Output VSWR
4:1
All phase angles, no spurious or oscillations.
Ruggedness
No Damage Conditions over Voltage and Temperature
Output VSWR
10:1
Input Power
0
dBm
CW Input Power, VCC = 3.0 V to 4.8 V
Input Port Impedance
50
Turn-On/Off Time
1
usec
Output stable to within 90% of final gain
2.4GHz Receive
Frequency
2.4
2.5
GHz
Frequency
Insertion Loss
0.8
1.2
dB
Insertion Loss
Input P1dB
22
dBm
Input P1dB
Passband Ripple
Passband Ripple
WiFi RX Mode
-0.2
+0.2
dB
WiFi RX Mode
WiFi RX/BT Mode
-0.2
+0.2
dB
WiFi RX/BT Mode
WiFi RX Port Return Loss
10
12
dB
WiFi RX Port Return Loss
WiFi RX Port Impedance
50
WiFi RX Port Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com