Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF5765 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5765
Description  2.4GHz to 2.5GHz 802.11b/g/n WiFi FRONT-END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5765 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5765 Datasheet HTML 1Page - RF Micro Devices RF5765 Datasheet HTML 2Page - RF Micro Devices RF5765 Datasheet HTML 3Page - RF Micro Devices RF5765 Datasheet HTML 4Page - RF Micro Devices RF5765 Datasheet HTML 5Page - RF Micro Devices RF5765 Datasheet HTML 6Page - RF Micro Devices RF5765 Datasheet HTML 7Page - RF Micro Devices RF5765 Datasheet HTML 8Page - RF Micro Devices RF5765 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2 of 14
RF5765
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
(Continuous with No Damage)
5.4
V
DC Supply Current
500
mA
Full Specification Temp Range
(Full Spec. Compliant)
-10 to +70
°C
Extreme Operating
(Reduced Performance)
-40 to -10
+70 to +85
°C
Storage Temperature
-40 to +150
°C
Antenna Port Nominal Impedance
50
Maximum TX Input Power into 50
 Load
for 11b/g/n (No Damage)
0dBm
Maximum RX Input Power (No Damage)
0
dBm
Moisture Sensitivity
MSL2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.4GHz Transmit Parameters
Compliance
IEEE802.11b, IEEE802.11g,
FCC CFG 15.247, .205, .209, EN, and JDEC
Operating Conditions
VCC=3.0V to 4.2V (Spec Compliant); VCC> 4.2V to 4.8V
(Reduced Performance); VREG=3.0V to 3.2V; Switch Con-
trol voltage=3.0 V to 3.6V; Temp=-10 °C to +70°C
(Spec Compliant); Temp=-30°C to -10 °C and +70°C to
+85°C (Reduced Performance). Unless noted otherwise.
Frequency
2.4
2.5
GHz
Power Supply
3.0
3.3
4.2
V
Power Amplifier Voltage Supply (VCC)
VREG Voltage
ON
3.0
3.1
3.2
V
PA in “ON” state
OFF
0.00
0.20
V
PA in “OFF” state
Output Power
11g
18
19.5
dBm
54Mbps OFDM 64QAM, VCC > 3.0V, Temp=25°C
19
20
dBm
54Mbps OFDM 64QAM, VCC > 3.3V, Temp=25°C
11b
20
23
dBm
11Mbps CCK signal, BT=0.45, VCC>=3.3V, Temp=25°C
EVM
3.3
4.0
%
POUT(g)=Rated Output Power, 54Mbps OFDM, 50, see
note 1
Adjacent Channel Power
POUT(b)=23dBm, 11Mbps CCK signal, VCC>=3.3V, see
note 4
ACP1
-36
-33
dBc
+/- 11 MHz Offset from carrier
ACP2
-56
-51
dBc
+/- 22MHz Offset from carrier
Gain
26
30
34.5
dB
Gain Variation Slope
At rated power and a given supply voltage
Range
3.0
4.8
V
VCC (Average)
0.5
dB/V
VCC (Instantaneous)
1
dB/V
Frequency
-0.5
+0.5
dB
2.4GHz to 2.5GHz
Over Temperature
-1.75
+1.75
dB
VCC=3.3V, VREG=3.1V, Freq=2.45GHz
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com