Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF5765 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5765
Description  2.4GHz to 2.5GHz 802.11b/g/n WiFi FRONT-END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5765 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5765 Datasheet HTML 1Page - RF Micro Devices RF5765 Datasheet HTML 2Page - RF Micro Devices RF5765 Datasheet HTML 3Page - RF Micro Devices RF5765 Datasheet HTML 4Page - RF Micro Devices RF5765 Datasheet HTML 5Page - RF Micro Devices RF5765 Datasheet HTML 6Page - RF Micro Devices RF5765 Datasheet HTML 7Page - RF Micro Devices RF5765 Datasheet HTML 8Page - RF Micro Devices RF5765 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4 of 14
RF5765
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.4GHz Receive Parameters
Compliance
IEEE802.11b, IEEE802.11g,
FCC CFG 15.247,.205,.209, EN, and JDEC
Frequency
2.4
2.5
GHz
LNA Voltage Supply (LNA VCC)
3.0
3.3
4.2
V
LNA VCC can be tied to VBATT at all times
LNA Current
10
mA
LNA in “ON” state
05
A
LNA in “OFF” state (C_RX=low, LNA VCC=ON)
LNA Input P1dB
-8
-7
dBm
Gain
WiFi RX Gain
16
18
20
dB
WiFi RX mode
Simultaneous WiFi/BT RX Mode
11
13
15
dB
WiFi RX/BT Mode, LNA “ON”
Noise Figure
VCC >3.3V, including switch
WiFi RX
2.1
3.5
dB
WiFi RX mode (LNA “ON”)
Simultaneous WiFi/BT RX Mode
3
4
dB
WiFi RX/BT Mode (LNA “ON”)
Passband Ripple
-0.2
+0.2
dB
WiFi RX Mode
-0.5
+0.5
dB
WiFi RX/BT Mode
WiFi RX Port Return Loss
9.6
dB
5
dB
Switch in WiFi RX/Bluetooth Mode
WiFi RX Port Impedance
50
No external matching
Bluetooth Parameters
Frequency
2.4
2.5
GHz
Insertion Loss
BT TX/RX only
1.2
1.5
dB
Bluetooth mode
BT/WiFi RX GAIN
(simultaneous mode)
11
13
15
dB
WiFi RX/BT Mode, LNA “ON”
Passband Ripple
-0.2
+0.2
dB
Bluetooth mode
-0.5
+0.5
dB
WiFi RX/BT mode
Input P1dB
27
30
dB
BT Mode, over temp, C_BT=3.3V to 3.6V
Bluetooth Port Return Loss
9.6
dB
Switch in Bluetooth Mode
7
dB
Switch in WiFi RX/Bluetooth Mode
Other Requirements
Antenna Port Impedance
Output
50
Return Loss
10
dB
Isolation
Antenna to Receive
20
dB
In BT Mode (measured from ANT to RX port)
Antenna to Bluetooth®
20
dB
In TX Mode (measured from ANT to BT port)
Antenna to Receive
20
dB
In TX Mode (measured from ANT to RX port)
Switch Control Voltage
C RX, C BT, and C BW RX control lines
Low
0
0.2
V
Switch is in the low state (L)
High
1.7
3.3
3.6
V
Switch is in the high state (H)
Switch Control Current
2
10
A
Per control line (C_BT, C_BWRX)
C_RX Current
100
AOver VCC, Frequency and Temperature.
Switch Control Speed
100
s
Switch P1dB
28
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com