Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3211 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3211
Description  280mA Output current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3211 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3211 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3211 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3211 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3211 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3211 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3211 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary Datasheet
LP3211
LP3211- – 00 Ver. 1.0 Datasheet
FEB.-2009
Page 1 of 6
High Performance PWM DC/DC Regulated
General Description
The LP3211 is a 1.2MHz high performance PWM
DC/DC converter that produces a regulated 5V output.
No external inductor and diode is required for
operation. The operating voltage range is 2.8V to Vout.
Internal soft-start circuitry effectively reduces the
in-rush current both while start-up and mode change.
The LP3211 features very low quiescent current, over
current protection and short circuit protection.
The LP3211 is available in SOT-23-6 package.
Order Information
LP3211 -
□ □ □
F: Pb-Free
Package Type
B6: SOT23-6
Applications
LCD Panel
Cellular and Smart mobile phone
PDA/DSC
USB Host power
Features
280mA Output current
No Inductor and diode
Soft Start Function
Built-In Short-Circuit Protection
Built-in Thermal Protection
Over Current Protection Function
IQ<1uA in Shutdown
SOT23-6 Package
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit
Chip Enable
Vin
LP3211
GND
EN
Vin
VOUT
OFF
CE
ON
Vout_5V
Marking Information
Please see website.


Similar Part No. - LP3211

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3210 POWER-LP3210 Datasheet
336Kb / 7P
2.8V to Vout Range Input Voltage
LP3218 POWER-LP3218 Datasheet
649Kb / 8P
1.5MHz, 1.5A Step-Down Converter
logo
Leshan Radio Company
LP3218DT1G LRC-LP3218DT1G Datasheet
502Kb / 6P
12V P-Channel Enhancement MOSFET
logo
Lowpower Semiconductor ...
LP3219 POWER-LP3219 Datasheet
855Kb / 12P
1.5MHz, 2A Step-Down Converter
More results

Similar Description - LP3211

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B39 AD-5B39 Datasheet
689Kb / 8P
Isolated Current Output
logo
Advanced Monolithic Sys...
AMS1069 AMS-AMS1069 Datasheet
1Mb / 5P
2A Output Current
logo
XP Power Limited
LDU2430S1000 XPPOWER-LDU2430S1000 Datasheet
339Kb / 4P
Constant Current Output
LDU56 XPPOWER-LDU56 Datasheet
85Kb / 2P
Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150 MPD-LD48-09-150 Datasheet
632Kb / 4P
Constant Current Output
LD24-08-350W(A) MPD-LD24-08-350W(A) Datasheet
614Kb / 4P
Constant Current Output
logo
Texas Instruments
PT5800 TI1-PT5800_14 Datasheet
227Kb / 13P
18A Output Current
logo
SynQor Worldwide Headqu...
ACLF060HTX230 SYNQOR-ACLF060HTX230 Datasheet
2Mb / 8P
9Arms output current
logo
Wall Industries,Inc.
DCNSR WALL-DCNSR_16 Datasheet
440Kb / 5P
1A Output Current
logo
Maxim Integrated Produc...
MAX17083EVKIT MAXIM-MAX17083EVKIT Datasheet
186Kb / 7P
5A Output Current
Rev 0; 5/09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com