Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3211 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP3211
Description  280mA Output current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3211 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP3211 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3211 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3211 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3211 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3211 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3211 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary Datasheet
LP3211
LP3211- – 00 Ver. 1.0 Datasheet
FEB.-2009
Page 3 of 6
Typical Application Circuit
Vin
100R
NC
ON
Fig1. Step up to 5V Circuit
Flash WLED Driver
CE
2.2uF
OFF
10uF
Flash WLED Driver
Vin
10R
ON
2.2uF
Chip Enable
OFF
NC
Chip Enable
Up to 250mA
Rset(NC)
LP3211
3
1
5
4
GND
EN
Vin
VOUT
1uF
Rset(NC)
NC
Vin
10uF
10uF
Fig1. Step up to 5V for Flash LED Driver
LP3211
3
1
5
4
GND
EN
Vin
VOUT
Up to 250mA
2.2uF
LP3211
3
1
5
4
GND
EN
Vin
VOUT
PWM
Vout_5V
Rset(NC)
2.2uF
Fig1. Step up to 5V for white LED Driver
ON
10uF
CE
OFF
Chip Enable



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com