Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3211 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP3211
Description  280mA Output current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3211 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP3211 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3211 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3211 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3211 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3211 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3211 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary Datasheet
LP3211
LP3211- – 00 Ver. 1.0 Datasheet
FEB.-2009
Page 2 of 6
Functional Pin Description
P a ck age Ty pe
P i n C o nfi g urat i o n s
SOT23-6
3
4
5
6
Vout
GND
EN
CRY1
VIN
CRY2
1
2
PIN
NAME
1
EN
Chip Enable (Active High)
2
CRY1
CRYSTAL INPUT1.
3
GND
Ground
4
VOUT
5V Output Voltage
5
VIN
Power Input Voltage
6
CRY2
CRYSTAL INPUT2.
Absolute Maximum Ratings
Input Voltage to GND (VIN) ------------------------------------------------------------------------------------ 6V
EN to GND Voltage (Ven) --------------------------------------------------------------------- 0.3V to Vin+0.3V
Maximum DC Output Current(Iout) ----------------------------------------------------------------------- 350mA
Operating Junction Temperature Range (TJ) ----------------------------------------------------40to 150
Maximum Soldering Temperature (at leads, 1 0sec) ----------------------------------------------------- 260
Electrical Characteristics
(Over recommended operating conditions unless specified otherwise) VIN =3.6V,EN=High, TA=25)
Symbol
Parameter
Conditions
LP3211
Unit
Min.
Typ.
Max.
VIN
Input Voltage
2.8
Vout
V
VOUT
Output Voltage Range
5.0
V
IQ
Quiescent Current
No Load
2
4
mA
ISHDN
Shutdown Current
EN = GND
1
5
µA
FOSC
Oscillator Frequency
0.9
1.2
1.5
MHz
ISC
Output short Circuit Current Limit Vout<0.5V
350
450
500
mA
VEN(L)
Enable Threshold Low
0.4
V
VEN(H)
Enable Threshold High
1.5
V
IEN
Input Low Current
VIN = VEN = 5.5V
-1
1
µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com