Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3983H Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP3983H
Description  Ultra-Low-Noise for RF Application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3983H Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

Back Button LP3983H Datasheet HTML 2Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 3Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 4Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 5Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 6Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 7Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 8Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 9Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Preliminary Datasheet
LP3983H
LP3983H–00 Version 1.0 Aug.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 10
Applications Information
L
ike any low-dropout regulator, the external capacitors
used with the LP3983H must be carefully selected for
regulator stability and performance. Using a capacitor
whose value is > 1µF on the LP3983H input and the
amount of capacitance can be increased without limit.
The input capacitor must be located a distance of not
more than 0.5 inch from the input pin of the IC and
returned to a clean analog ground. Any good quality
ceramic or tantalum can be used for this capacitor. The
capacitor with larger value and lower ESR (equivalent
series
resistance)
provides
better
PSRR
and
line-transient response. The output capacitor must meet
both requirements for minimum amount of capacitance
and ESR in all LDOs application. The LP3983H is
designed specifically to work with low ESR ceramic
output capacitor in space-saving and performance
consideration. Using a ceramic capacitor whose value is
at least 1µF with ESR is > 25mΩ on the LP3983H output
ensures stability. The LP3983H still works well with output
capacitor of other types due to the wide stable ESR range.
Output capacitor of larger capacitance can reduce noise
and improve load transient response, stability, and PSRR.
The output capacitor should be located not more than 0.5
inch from the VOUT pin of the LP3983H and returned to a
clean analog ground.
Start-up Function Enable Function
The LP3983H features an LDO regulator enable/disable
function. To assure the LDO regulator will switch on, the
EN turn on control level must be greater than 1.4 volts.
The LDO regulator will go into the shutdown mode when
the voltage on the EN pin falls below 0.4 volts. For to
protecting
the
system,
the
LP3983H
have
a
quick-discharge function. If the enable function is not
needed in a specific application, it may be tied to VIN to
keep the LDO regulator in a continuously on state.
Feedback Capacitor and Bypass
Capacitor
For adjustable version, connecting a 22pF between
output pin and FB pin significantly reduces output voltage
ripple, it is critical that the capacitor connection should be
direct and PCB traces should be as short as possible.
For LP3983HB6F08/9, connecting a 10nF between the
BP pin and GND pin significantly reduces noise on the
regulator output, it is critical that the capacitor connection
between the BP pin and GND pin be direct and PCB
traces should be as short as possible. There is a
relationship between the bypass capacitor value and the
LDO regulator turn on time. DC leakage on this pin can
affect the LDO regulator output noise and voltage
regulation performance.
Thermal Considerations
Thermal protection limits power dissipation in LP3983H.
When the operation junction temperature exceeds 165°C,
the OTP circuit starts the thermal shutdown function turn
the pass element off. The pass element turns on again
after the junction temperature cools by 30°C. For continue
operation, do not exceed absolute maximum operation
junction temperature 125°C.
The power dissipation definition in device is:
PD = (VIN−VOUT) x IOUT + VIN x IQ
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com