Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3983H Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3983H
Description  Ultra-Low-Noise for RF Application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3983H Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3983H Datasheet HTML 1Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 2Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 3Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 4Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 5Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 6Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 7Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 8Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Preliminary Datasheet
LP3983H
LP3983H–00 Version 1.0 Aug.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 10
600mA,Ultra-low noise, Small Package
Ultra-Fast CMOS LDO Regulator
General Description
The LP3983H is designed for portable RF and wireless
applications with demanding performance and space
requirements. The LP3983H performance is optimized
for battery-powered systems to deliver ultra low noise
and low quiescent current. A noise bypass pin is
available for further reduction of output noise.
Regulator ground current increases only slightly in
dropout, further prolonging the battery life. The
LP3983H also works with low-ESR ceramic capacitors,
reducing the amount of board space necessary for
power applications, critical in hand-held wireless
devices. The LP3983H consumes less than 0.01µA in
shutdown mode and has fast turn-on time less than
50µs. The other features include ultra low dropout
voltage, high output accuracy, current limiting
protection, and high ripple rejection ratio. It is available
in the 5-lead of SOT23-5 packages.
Ordering Information
LP3983H □
□ □
□
□ □
FB voltage
09: 0.9V
08: 0.8V
F: Pb-Free
Package Type
B5: SOT23-5
B6: SOT23-6
Output Voltage Type
A: Adjustable
Features
Ultra-Low-Noise for RF Application
2V- 6V Input Voltage Range
Low Dropout : 300mV @ 400mA
600mA Output Current, 750mA Peak Current
High PSRR: -68dB at 1KHz
< 0.01uA Standby Current When Shutdown
Available in SOT23-5/6 Package
TTL-Logic-Controlled Shutdown Input
Ultra-Fast Response in Line/Load transient
Current Limiting and Thermal Shutdown
Protection
Quick start-up (typically 20uS)
Typical Application Circuit
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
LCD
DSC Sensor
Wireless Card
GND
2
EN
3
VIN
1
OUT
5
ADJ
4
LP3983HAB5F
Chip Enable
2.2uF
Vin
2.2uF
R1
R2
Vout
22pF


Similar Part No. - LP3983H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3983 NSC-LP3983 Datasheet
166Kb / 10P
Micropower, Low Quiescent Current, CMOS Voltage Regulator in micro SMD Package
logo
Lowpower Semiconductor ...
LP3983 POWER-LP3983 Datasheet
250Kb / 8P
For BaseBand,300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
logo
Texas Instruments
LP3983 TI2-LP3983 Datasheet
396Kb / 14P
LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
REVISED MARCH 2013
logo
Lowpower Semiconductor ...
LP3983-AB6F POWER-LP3983-AB6F Datasheet
250Kb / 8P
For BaseBand,300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
logo
Texas Instruments
LP3983ITL TI1-LP3983ITL Datasheet
821Kb / 14P
LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
More results

Similar Description - LP3983H

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA22012 HITACHI-HA22012 Datasheet
54Kb / 12P
Low Noise Amplifier for Micro Wave Application
logo
National Semiconductor ...
LP8900 NSC-LP8900 Datasheet
351Kb / 14P
Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits
logo
Richtek Technology Corp...
RT9193-18GB RICHTEK-RT9193-18GB Datasheet
195Kb / 14P
Ultra Low Noise for RF Application, Ultra Fast Response in Line/Load Transient
RT9193-29GB RICHTEK-RT9193-29GB Datasheet
195Kb / 14P
Ultra Low Noise for RF Application, Ultra Fast Response in Line/Load Transient
RT9198-33GBR RICHTEK-RT9198-33GBR Datasheet
275Kb / 18P
Low-Noise for RF Application, Fast Response in Line/Load Transient
logo
Leshan Radio Company
LR9198 LRC-LR9198_15 Datasheet
734Kb / 12P
Ultra-low Noise for RF Application
logo
Lowpower Semiconductor ...
LP3987H POWER-LP3987H Datasheet
428Kb / 9P
Ultra-Low-Noise for RF Application
logo
Infineon Technologies A...
BFR750L3RH INFINEON-BFR750L3RH_13 Datasheet
604Kb / 7P
High gain ultra low noise RF transistor
2013-09-09
logo
Advanced XTAL Products
AXIOM6060A AXTAL-AXIOM6060A Datasheet
211Kb / 14P
Ultra-Low Phase Noise 120 MHz OCXO for Space Application
2014-05-05
logo
ON Semiconductor
NSVF4020SG4 ONSEMI-NSVF4020SG4 Datasheet
690Kb / 10P
RF Transistor for Low Noise Amplifier
June 2016 - Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com