Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3983H Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP3983H
Description  Ultra-Low-Noise for RF Application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3983H Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP3983H Datasheet HTML 1Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 2Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 3Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 4Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 5Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 6Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 7Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 8Page - Lowpower Semiconductor inc LP3983H Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Preliminary Datasheet
LP3983H
LP3983H–00 Version 1.0 Aug.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 10
Electrical Characteristics
(VIN = VOUT + 1V, CIN = COUT =2.2µF, CFB = 22pF, TA = 25° C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min Typ.
Max
Units
Output Voltage Accuracy
ΔVOUT
IOUT = 1mA
−2
--
+2
%
Output Loading Current
ILOAD
VEN=VIN,VIN>2.5V
600
mA
Current Limit
ILIM
RLOAD = 1Ω
700
mA
Adjustable voltage reference
VFB
LP3983HAB5F-09
0.9
V
LP3983HAB5F-08
0.8
V
Quiescent Current
IQ
VEN ≥ 1.4V, IOUT = 0mA
75
130
μA
Dropout Voltage
VDROP
IOUT = 200mA, VOUT >2.8V
160
200
mV
IOUT = 400mA, VOUT >2.8V
320
400
Line Regulation
ΔVLINE
VIN = (VOUT + 1V) to 5.5V,
IOUT = 1mA
0.3
%
Load Regulation
ΔLOAD
1mA < IOUT < 400mA
0.6
%
Standby Current
ISTBY
VEN = GND, Shutdown
0.01
1
μA
EN Input Bias Current
IIBSD
VEN = GND or VIN
0.1
100
nA
EN
Threshold
Logic-Low Voltage
VIL
VIN = 3V to 5.5V,
Shutdown
0.4
V
Logic-High Voltage
VIH
VIN = 3V to 5.5V, Start-Up
1.4
Output Noise Voltage
10Hz to 100kHz, IOUT =
200mA, COUT = 1µF
100
uVRMS
Power Supply
f = 100Hz
PSRR
COUT = 1µF,
IOUT = 10mA
−76
dB
Rejection Rate
f = 10kHz
−68
Thermal Shutdown Temperature
TSD
165
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com