Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3987H Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP3987H
Description  Ultra-Low-Noise for RF Application
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3987H Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP3987H Datasheet HTML 1Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 2Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 3Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 4Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 5Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 6Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 7Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 8Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Preliminary Datasheet
LP3987H
LP3987H – 02 Version 1.2 May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 9
Applications Information
Like any low-dropout regulator, the external capacitors
used with the LP3987H must be carefully selected for
regulator stability and performance. Using a capacitor
whose value is > 1µF on the LP3987H input and the
amount of capacitance can be increased without limit.
The input capacitor must be located a distance of not
more than 0.5 inch from the input pin of the IC and
returned to a clean analog ground. There is a special
attention which is the input capacitance should not be
less than output capacitance. Any good quality ceramic or
tantalum can be used for this capacitor. The capacitor
with larger value and lower ESR (equivalent series
resistance) provides better PSRR and line-transient
response. The output capacitor must meet both
requirements for minimum amount of capacitance and
ESR in all LDOs application. The LP3987H is designed
specifically to work with low ESR ceramic output
capacitor in space-saving and performance consideration.
Using a ceramic capacitor whose value is at least 1µF
with ESR is > 25mΩ on the LP3987H output ensures
stability. The LP3987H still works well with output
capacitor of other types due to the wide stable ESR range.
Output capacitor of larger capacitance can reduce noise
and improve load transient response, stability, and PSRR.
The output capacitor should be located not more than 0.5
inch from the VOUT pin of the LP3987H and returned to a
clean analog ground.
Start-up Function Enable Function
The LP3987H features an LDO regulator enable/disable
function. To assure the LDO regulator will switch on, the
EN turn on control level must be greater than 1.4 volts.
The LDO regulator will go into the shutdown mode when
the voltage on the EN pin falls below 0.4 volts. For to
protecting
the
system,
the
LP3987H
have
a
quick-discharge function. If the enable function is not
needed in a specific application, it may be tied to VIN to
keep the LDO regulator in a continuously on state.
Thermal Considerations
Thermal protection limits power dissipation in LP3987H.
When the operation junction temperature exceeds 165°C,
the OTP circuit starts the thermal shutdown function turn
the pass element off. The pass element turns on again
after the junction temperature cools by 30°C. For continue
operation, do not exceed absolute maximum operation
junction temperature 125°C.
The power dissipation definition in device is :
PD = (VIN−VOUT) x IOUT + VIN x IQ
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
junction to ambient.
The maximum power dissipation can be calculated by
following formula :
PD(MAX) = ( TJ(MAX) − TA ) /θJA
Where
TJ(MAX) is the maximum operation junction temperature
125°C, TA is the ambient temperature and the θJA is the
junction to ambient thermal resistance. For recommended
operating conditions specification of LP3987H, where
TJ(MAX) is the maximum junction temperature of the die



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com