Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3987H Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3987H
Description  Ultra-Low-Noise for RF Application
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3987H Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3987H Datasheet HTML 1Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 2Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 3Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 4Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 5Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 6Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 7Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 8Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Preliminary Datasheet
LP3987H
LP3987H – 02 Version 1.2 May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 9
600mA,Ultra-low noise, Ultra-Fast CMOS LDO Regulator
General Description
The LP3987H is designed for portable RF and wireless
applications with demanding performance and space
requirements. The LP3987H performance is optimized
for battery-powered systems to deliver ultra low noise
and low quiescent current. Regulator ground current
increases only slightly in dropout, further prolonging
the battery life. The LP3987H also works with low-ESR
ceramic capacitors, reducing the amount of board
space necessary for power applications, critical in
hand-held wireless devices. The LP3987H consumes
less than 0.01µA in shutdown mode and has fast
turn-on time less than 20µs. The other features include
ultra low dropout voltage, high output accuracy,
current limiting protection, and high ripple rejection
ratio. It is available in the 5-lead of SOT23-5
packages.
Ordering Information
LP3987H □ □ □ □
□
F: Pb-Free
Package Type
B5: SOT23-5
Output Voltage Type
12: 1.2V
15: 1.5V
18: 1.8V
25: 2.5V
28: 2.8V
30: 3.0V
33: 3.3V
Features
Ultra-Low-Noise for RF Application
2.5V- 6.5V Input Voltage Range
Low Dropout : 400mV @ 500mA
High PSSR:-80dB at 1KHz
< 0.01uA Standby Current When Shutdown
TTL-Logic-Controlled Shutdown Input
Ultra-Fast Response in Line/Load transient
Current Limiting and Thermal Shutdown
Protection
Quick start-up (typically 20uS)
Typical Application Circuit
VIN
EN
NC
VOUT
GND
VOUT
Cin
Cout
VIN
ON
OFF
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
Sensor Module
RF Module
Pin Configurations
NC
GND
VIN
EN
VOUT
1
2
3
4
5
Top View
SOT-23-5
Marking Information
Device
Marking
Package
Shipping
LP3987H
SOT23-5
3K/REEL


Similar Part No. - LP3987H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3987 NSC-LP3987 Datasheet
533Kb / 17P
Micropower micro SMD 150 mA Ultra Low-Dropout CMOS Voltage Regulators with sleep MODE
logo
Lowpower Semiconductor ...
LP3987 POWER-LP3987 Datasheet
292Kb / 8P
300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
logo
Texas Instruments
LP3987 TI-LP3987 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low Dropout CMOS Voltage Regulator With Sleep MODE
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
logo
Lowpower Semiconductor ...
LP3987-1.5B3A POWER-LP3987-1.5B3A Datasheet
292Kb / 8P
300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
More results

Similar Description - LP3987H

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA22012 HITACHI-HA22012 Datasheet
54Kb / 12P
Low Noise Amplifier for Micro Wave Application
logo
National Semiconductor ...
LP8900 NSC-LP8900 Datasheet
351Kb / 14P
Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits
logo
Richtek Technology Corp...
RT9193-18GB RICHTEK-RT9193-18GB Datasheet
195Kb / 14P
Ultra Low Noise for RF Application, Ultra Fast Response in Line/Load Transient
RT9193-29GB RICHTEK-RT9193-29GB Datasheet
195Kb / 14P
Ultra Low Noise for RF Application, Ultra Fast Response in Line/Load Transient
RT9198-33GBR RICHTEK-RT9198-33GBR Datasheet
275Kb / 18P
Low-Noise for RF Application, Fast Response in Line/Load Transient
logo
Leshan Radio Company
LR9198 LRC-LR9198_15 Datasheet
734Kb / 12P
Ultra-low Noise for RF Application
logo
Lowpower Semiconductor ...
LP3983H POWER-LP3983H Datasheet
512Kb / 10P
Ultra-Low-Noise for RF Application
logo
Infineon Technologies A...
BFR750L3RH INFINEON-BFR750L3RH_13 Datasheet
604Kb / 7P
High gain ultra low noise RF transistor
2013-09-09
logo
Advanced XTAL Products
AXIOM6060A AXTAL-AXIOM6060A Datasheet
211Kb / 14P
Ultra-Low Phase Noise 120 MHz OCXO for Space Application
2014-05-05
logo
ON Semiconductor
NSVF4020SG4 ONSEMI-NSVF4020SG4 Datasheet
690Kb / 10P
RF Transistor for Low Noise Amplifier
June 2016 - Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com