Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3987H Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP3987H
Description  Ultra-Low-Noise for RF Application
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3987H Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP3987H Datasheet HTML 1Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 2Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 3Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 4Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 5Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 6Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 7Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 8Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Preliminary Datasheet
LP3987H
LP3987H – 02 Version 1.2 May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 9
Electrical Characteristics
(VIN = VOUT + 1V, Cin = Cout = 1µF, TA = 25° C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min Typ.
Max
Units
Output Voltage Accuracy
ΔVOUT
IOUT = 1mA
−2
--
+2
%
Output Current
Iout
VEN=VIN, VIN>2.5V
600
mA
Current Limit
ILIM
RLOAD = 1Ω
800
mA
Quiescent Current
IQ
VEN≥1.4V,Output floating
90
130
μA
Dropout Voltage
VDROP
IOUT=100mA,VOUT> 2.8V
50
68
mV
IOUT=300mA,VOUT> 2.8V
150
200
Line Regulation
ΔVLINE
VIN=(VOUT+1V) to 5.5V,
IOUT = 1mA
0.2
%
Load Regulation
ΔLOAD
1mA < IOUT < 300mA
0.2
%
Standby Current
ISTBY
VEN = GND, Shutdown
0.01
1
μA
EN Input Bias Current
IIBSD
VEN = GND or VIN
0
100
nA
EN Threshold
Logic-Low
Voltage
VIL
VIN = 3V to 5.5V,
Shutdown
0.4
V
Logic-High
Voltage
VIH
VIN = 3V to 5.5V,
Start-Up
1.4
Output Noise Voltage
10Hz to 100kHz,
IOUT=200mA, Cout=1µF
100
uVRMS
Power Supply
f = 1kHz
PSRR
-80
dB
Rejection Rate
f = 10kHz
Cout = 1µF,
IOUT = 10mA
-68
Thermal Shutdown Temperature
TSD
165
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com