Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AFCT-701SDDZ Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-701SDDZ
Description  SFP Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-701SDDZ Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-701SDDZ_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ_15 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ_15 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Table 3. Absolute Maximum Ratings
Stress in excess of any of the individual Absolute Maximum Ratings can cause immediate catastrophic damage to the
module even if all other parameters are within Recommended Operating Conditions. It should not be assumed that
limiting values of more than one parameter can be applied concurrently. Exposure to any of the Absolute Maximum
Ratings for extended periods can adversely affect reliability.
Parameter
Symbol
Minimum
Maximum
Unit
Notes
Storage Temperature
TS
-40
100
C
Case Operating Temperature
TC
-40
100
C
Relative Humidity
RH
5
95
%
Supply Voltage
VccT, VccR
-0.3
3.8
V
Note 1
Low Speed Input Voltage
-0.5
Vcc+0.5
V
Two-Wire Interface Input Voltage
-0.5
Vcc+0.5
V
High Speed Input Voltage, Single Ended
-0.3
Vcc+0.5
V
High Speed Input Voltage, Differential
2.5
V
Low Speed Output Current
-20
20
mA
Optical Receiver Input Average Power
1.5
dBm
Note:
1. The module supply voltages, VccT and VccR must not differ by more than 0.5 V or damage to the device may occur.
Table 4. Recommended Operating Conditions
Recommended Operating Conditions specify parameters for which the electrical and optical characteristics hold un-
less otherwise noted. Optical and electrical charactristics are not defined for operation outside the Recommended
Operating Conditions, reliability is not implied and damage to the module may occur for such operation over an
extended period of time.
Parameter
Symbol
Minimum
Maximum
Unit
Notes
Case Operating Temperature
TC
0
70
°C
Note 1
Module Supply Voltage
VccT, VccR
3.135
3.465
V
Signal Rate
10.311
10.313
GBd
Note 3
1000BASE-LX (1.25GBd Typical)
Power Supply Noise Tolerance
66
mVp-p
Note 2
including Ripple
Tx Input Single Ended DC
V
-0.3
4.0
V
Voltage Tolerance (Ref VeeT)
Rx Output Single Ended Voltage Tolerance
V
-0.3
4.0
V
Notes:
1. Ambient operating temperature limits are based on the Case Operating Temperature limits and are subject to the host system thermal design.
See Figure 6 for the module Tc reference point.
2. The Power Supply Filter (PSF) and resulting Power Supply Noise Tolerance (PSNT) are specified in the SFF 8431 MSA. The PSNT value applies over
the range from 10Hz to 10MHz.
3. For 10GBASE-LR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com