Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AFCT-701SDDZ Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-701SDDZ
Description  SFP Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-701SDDZ Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-701SDDZ_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ_15 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ_15 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ_15 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ_15 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ_15 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ_15 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
Table 8b. 1.25GBd Optical Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Transmitter
Output Optical Power (Average)
Pout
-9.5
-3
dBm
Optical Extinction Ratio
ER
9
dB
Total Jitter
(TP1 to TP2 Contribution)
TJ
227
ps
0.284
UI
Center Wavelength
1260
1355
nm
RMS Spectral Width
4
nm
Laser Off Power
-30
dBm
RIN (max)
-120
dB/Hz
Receiver
Receiver Sensitivity
(Average Optical Input Power)
-19
dBm
Stressed Receiver Sensitivity
-14.4
dBm
Total Jitter
(TP3 to TP4 Contributed 1.25GBd)
TJ
266
ps
0.332
UI
Average Receive Power (max)
-3
dBm
Return Loss (min)
12
dB
LOS De-Assert
PD
-20
dBm
LOS Assert
PA
-30
dBm
Hysteresis
PD-PA
0.5
dB
Receive Electrical 3dB Upper Cutoff Frequency
2.5
4
GHz
Wavelength
1260
1355
nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com