Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AFCT-701SDDZ Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-701SDDZ
Description  SFP Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-701SDDZ Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-701SDDZ_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ_15 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ_15 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ_15 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Table 6. High Speed Signal Electrical Characteristics
The following characteristics are defined over the Recommended Operating Conditions unless otherwise noted.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Tx Input Differential Voltage, |(TD +) - (TD-)|
VI
180
700
mV
Note 1
Tx Input AC Common Mode Voltage Tolerance
15
mV(RMS)
Tx Input Differential S-parameter (100
: Ref.)
SDD11
Note 3
dB
0.01-11.1 GHz
Tx Input Reflected Differential to
SCD11
-10
dB
0.01-11.1 GHz
Common Mode Conversion (25
: Ref.)
Rx Output Differential Voltage, |(RD +) - (RD-)|
Vo
300
850
mV
Note 2
Rx Output Termination Mismatch @ 1MHz
'Zm
5
%
Rx Output AC Common Mode Voltage
7.5
mV(RMS)
Note 5
Rx Output Output Rise and Fall Time
tr, tf
28
ps
(20% to 80%)
Rx Output Total Jitter
TJ
0.70
Ulp-p
Note 6, 10GBd
0.332
UIp-p
1.25GBd
Rx Output 99% Jitter
DJ
0.42
Ulp-p
Rx Output Differential S-parameter (100
: Ref.) SDD22
Note 4
dB
0.01-11.1 GHz
Rx Output Common Mode Reflection
SCC22
-6
dB
0.01-2.5 GHz
Coefficient (25
: Ref.)
-3
dB
2.5-11.1 GHz
Receiver Output Eye Mask
See Figure 4a
Notes:
1. Internally AC coupled and terminated (100 Ohm differential).
2. Internally AC coupled but requires an external load termination (100 Ohm differential).
3. Reflection Coefficient given by equation SDD11(dB)=Max(-12 + 2*SQRT(f ) -6.3+13Log10(f/5.5)), with f in GHz.
4. Differential Output S-parameter given by equation SDD22(dB)= Max(-12 + 2*SQRT(f ) -6.3+13Log10(f/5.5)), with f in GHz.
5. The RMS value is measured by calculating the standard deviation of the histogram for one UI of the common mode signal.
6. TJ conditions per SFF-8431
Table 5. Low Speed Signal Electrical Characteristics
The following characteristics are defined over the Recommended Operating Conditions unless otherwise noted.
Typical values are for Tc = 40°C. VccT and VccR = 3.3 V.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Module Supply Current
ICC
258
289
mA
Note 1
Power Dissipation
PDISS
850
1000
mW
TX_FAULT, RX_LOS
IOH
- 50
+ 37.5
PA
Note 2
VOL
- 0.3
0.4
V
TX_DISABLE
VIH
2.0
VccT + 0.3
V
Note 3
VIL
-0.3
0.8
V
Notes:
1. Supply current includes both VccT and VccR connections.
2. Measured with a 4.7 k
: load to VccHost.
3. TX_DISABLE has an internal 4.7 k
: to 10 k: pull-up to VccT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com