Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC126 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC126
Description  PFM Step-Up DC/DC Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC126 Datasheet(HTML) 3 Page - Microchip Technology

  TC126 Datasheet HTML 1Page - Microchip Technology TC126 Datasheet HTML 2Page - Microchip Technology TC126 Datasheet HTML 3Page - Microchip Technology TC126 Datasheet HTML 4Page - Microchip Technology TC126 Datasheet HTML 5Page - Microchip Technology TC126 Datasheet HTML 6Page - Microchip Technology TC126 Datasheet HTML 7Page - Microchip Technology TC126 Datasheet HTML 8Page - Microchip Technology TC126 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21372B-page 3
TC125/TC126
2.0
PIN DESCRIPTIONS
Thedescriptionsof the pins arelistedinTable2-1.
TABLE 2-1:
PIN FUNCTION TABLE
TC125
Pin No.
(5-Pin SOT-23A)
TC126
Pin No.
(5-Pin SOT-23A)
Symbol
Description
1
SHDN
Shutdown input. A logic low on this input suspends device operation and
supply current is reduced to less than 0.5
µA. The device resumes normal
operation when SHDN is again brought high.
1
SENSE
Voltage sense input. This input provides feedback voltage sensing to the
internal error amplifier. It must be connected to the output voltage node,
preferably the single point in the system where tight voltage regulation is
most beneficial.
2
PS
Power and voltage sense input. This dual function input provides both
feedback voltage sensing and internal chip power. It should be connected
to the regulator output. (See Figure 3-1).
—2
VDD
Power supply voltage input.
3
3
NC
Not connected.
4
4
GND
Ground terminal.
5
5
LX
Inductor switch output. LX is the drain of an internal N-channel switching
transistor. This terminal drives the external inductor, which ultimately
provides current to the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com