Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC126 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC126
Description  PFM Step-Up DC/DC Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC126 Datasheet(HTML) 5 Page - Microchip Technology

  TC126 Datasheet HTML 1Page - Microchip Technology TC126 Datasheet HTML 2Page - Microchip Technology TC126 Datasheet HTML 3Page - Microchip Technology TC126 Datasheet HTML 4Page - Microchip Technology TC126 Datasheet HTML 5Page - Microchip Technology TC126 Datasheet HTML 6Page - Microchip Technology TC126 Datasheet HTML 7Page - Microchip Technology TC126 Datasheet HTML 8Page - Microchip Technology TC126 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21372B-page 5
TC125/TC126
4.0
APPLICATIONS
4.1
Input Bypass Capacitors
Adding an input bypass capacitor reduces peak current
transients drawn from the input supply and reduces the
switching noise generated by the regulator. The source
impedance of the input supply determines the size of
the capacitor that should be used.
4.2
Inductor Selection
Selecting the proper inductor value is a trade-off
between physical size and power conversion require-
ments. Lower value inductors cost less, but result in
higher ripple current and core losses. They are also
more prone to saturate since the coil current ramps to
a higher value. Larger inductor values reduce both
ripple current and core losses, but are larger in physical
size and tend to increase the start-up time slightly. The
recommended inductor value for use with the TC125/
126 is 100
µH. Inductors with a ferrite core (or equiva-
lent) are recommended. For highest efficiency, use an
inductor with a series resistance less than 20m
Ω.
4.3
Internal Transistor Switch Current
Limiting
The peak switch current is equal to the input voltage
divided by the RDSON of the internal switch. The
internal transistor has absolute maximum current rating
of 400mA with a design limit of 350mA. A built-in
oscillator frequency doubling circuit guards against
high switching currents. Should the voltage on the LX
pin rise above 1.1V, max while the internal N-channel
switch is ON, the oscillator frequency automatically
doubles to minimize ON time. Although reduced, switch
current still flows because the regulator remains in
operation. Therefore, the LX input is not internally
current limited and care must be taken never to exceed
the 350mA maximum limit. Failure to observe this will
result in damage to the regulator.
4.4
Output Diode
For best results, use a Schottky diode such as the
MA735, 1N5817, MBR0520L or equivalent. Connect
the diode between the PS and LX pins (TC125) or
SENSE and LX pins (TC126) as close to the IC as
possible. (Do not use ordinary rectifier diodes since the
higher threshold voltages reduce efficiency.)
4.5
Output Capacitor
The effective series resistance of the output capacitor
directly affects the amplitude of the output voltage
ripple. (The product of the peak inductor current and
the ESR determines output ripple amplitude.) There-
fore, a capacitor with the lowest possible ESR should
be selected. Smaller capacitors are acceptable for light
loads or in applications where ripple is not a concern.
The Sprague 595D series of tantalum capacitors are
among the smallest of all low ESR surface mount
capacitors
available.
Table 4-1
lists
suggested
components and suppliers.
4.6
Board Layout Guidelines
As with all inductive switching regulators, the TC125/
126 generate fast switching waveforms that radiate
noise.
Interconnecting
lead
lengths
should
be
minimized to keep stray capacitance, trace resistance,
and radiated noise as low as possible. In addition, the
GND pin, input bypass capacitor, and output filter
capacitor ground leads should be connected to a single
point. The input capacitor should be placed as close to
power and ground pins of the TC125/126 as possible.
TABLE 4-1:
SUGGESTED COMPONENTS AND SUPPLIERS
Type
Inductors
Capacitors
Diodes
Surface Mount
Sumida
CD54 Series
CDR125 Series
Coiltronics
CTX Series
Murata
LQN6C Series
Matsuo
267 Series
Murata
GRM200 Series
Sprague
595D Series
Nichicon
F93 Series
Nihon
EC10 Series
Matsushita
MA735 Series
Through-Hole
Sumida
RCH855 Series
RCH110 Series
Renco
RL1284-12
Sanyo
OS-CON Series
Nichicon
PL Series
ON Semiconductor
1N5817 - 1N5822



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com