Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC126 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC126
Description  PFM Step-Up DC/DC Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC126 Datasheet(HTML) 4 Page - Microchip Technology

  TC126 Datasheet HTML 1Page - Microchip Technology TC126 Datasheet HTML 2Page - Microchip Technology TC126 Datasheet HTML 3Page - Microchip Technology TC126 Datasheet HTML 4Page - Microchip Technology TC126 Datasheet HTML 5Page - Microchip Technology TC126 Datasheet HTML 6Page - Microchip Technology TC126 Datasheet HTML 7Page - Microchip Technology TC126 Datasheet HTML 8Page - Microchip Technology TC126 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TC125/TC126
DS21372B-page 4
© 2002 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
The TC125/126 are PFM step-up DC/DC regulators for
use in systems operating from two or more cells or in
low voltage, line powered applications. Because Pulse
Frequency Modulation (PFM) is used, the TC125/126
switching frequency (and therefore supply current) is
minimized at low output loads. This is especially
important in battery operated applications (such as
pagers) that operate in standby mode most of the time.
For example, a TC125/126 with a 3V output and no
load will consume a maximum supply current of only
10
µA versus a supply current of 40µA maximum when
IOUT = 30mA. Both devices require only an external
inductor, diode and capacitor to implement a complete
DC/DC converter.
The TC125 is recommended for applications requiring
shutdown mode as a means of reducing system supply
current. The TC125 is powered from the PS input,
which must be connected to the regulated output as
shown in Figure 3-1. PS also senses output voltage for
closed-loop regulation. Start-up current is furnished
through the inductor when input voltage is initially
applied. This action starts the oscillator, causing the
voltage at the PS input to rise, bootstrapping the
regulator into full operation.
The TC126 (Figure 3-2) is recommended for all appli-
cations not requiring shutdown mode. It has separate
VDD and SENSE inputs, allowing it to be powered from
any source of 2.2V to 10V in the system. The VDD input
of the TC126 may be connected to the VIN,VOUT,oran
external DC voltage. Lower values of VDD result in
lower supply current, but lower efficiency due to higher
switch ON resistance. Higher VDD values increase
supply
current,
but drive the internal switching
transistor harder (lowering RDSON), thereby increasing
efficiency.
3.1
Low Power Shutdown Mode
The TC125 enters a low power shutdown mode when
SHDN is brought low. While in shutdown, the oscillator
is disabled and the internal switch is shut off. Normal
regulator operation resumes when SHDN is brought
high. Because the TC125 uses an external diode, a
leakage path between the input voltage and the output
node (through the inductor and diode) exists while the
regulator is in shutdown. Care must be taken in system
design to assure the input supply is isolated from the
load during shutdown.
3.2
Behavior When VIN is Greater
Than the Factory-Programmed
OUT Setting
The TC125 and TC126 are designed to operate as
step-up regulators only. As such, VIN is assumed to
always be less than the factory-programmed output
voltage setting (VR). Operating the TC125/126 with
VIN >VR causes regulating action to be suspended
(and corresponding supply current reduction) until VIN
is again less than VR. While regulating action is
suspended, VIN is connected to the output voltage node
through the series combination of the inductor and
Schottky diode. Again, care must be taken to add the
appropriate isolation (MOSFET series switch or post
LDO with shutdown) during system design if this VIN/
VOUT leakage path is problematic.
FIGURE 3-1:
TYPICAL TC125 CIRCUIT
FIGURE 3-2:
TYPICAL TC126 CIRCUIT
L1
100
µH Sumida CD54
D1
MA735
Shutdown
Control
1
2
3
5
4
TC125
LX
SHDN
NC
PS
GND
1.5V
ON
OFF
VOUT
3.3V @40mA
C1
47
µF/16V
Tantalum
+
1
2
3
45
TC126
LX
SENSE
NC
VDD
GND
3.3V
Line
Supply
L1
100
µH Sumida CD54
D1
MA735
VOUT
5V @80mA
C1
47
µF/16V
Tantalum
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com