Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CF5760 Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # CF5760
Description  CMOS Analog Clock IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5760 Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  CF5760 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5760 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5760 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5760 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5760 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5760 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5760 Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CF5760 series
SEIKO NPC CORPORATION —3
SPECIFICATIONS
Absolute Maximum Ratings
Electrical Characteristics
Ta = 25
°C, VDD = 1.5V, VSS = 0V, CG = 23pF, CD = 25pF, X’tal (f0 = 32.768kHz, CI = 50kΩ max) unless oth-
erwise noted
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD − VSS
−0.3 to 5.0
V
Input voltage range
VIN
VSS ≤ VIN ≤ VDD
V
Operating temperature range
Topr
−30 to 80
°C
Storage temperature range
Tstg
−65 to 150
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Operating voltage
VDD
1.2
–
2.0
V
Current consumption
IDD
O1 = O2 = open
–
1.2
4.0
µA
Oscillator start-up time
tSTA
VDD = 1.2V
–
–
5.0
s
Motor output current
IMOT
VDD = 1.2V, RL = 200Ω
1
1. RL is the load resistance connected between O1 and O2.
4.0
–
–
mA
AI/R HIGH-level input current
IIH
VDD = 1.5V
2
4
8
µA
AI/R LOW-level input current
IIL
VDD = 1.5V
2
4
8
µA
Oscillator frequency stability
∆f/f
VDD = 1.2 to 2.0V
–
0.5
1.0
ppm/0.1V
Alarm LOW-level output current2
(AO, AON)
2. CF5760AA/ CC/ FC/ HA: If the outputs (AO or AON) are short circuit, the output current is IAO ≥ 900 µA.
IOL1
VDD = 1.5V, VOL = 0.75V
900
2000
–
µA
IOL2
VDD = 1.5V, VOL = 0.75V
10
30
–
µA
Alarm HIGH-level output current2
(AO, AON)
IOH1
VDD = 1.5V, VOH = 0.75V
900
2000
–
µA
IOH2
VDD = 1.5V, VOH = 0.75V
10
30
–
µA
F output voltage3
3. The F output voltage rating, VF , when a load capacitance, CL, is connected between pin F and VSS, is the difference voltage between the center volt-
age, 0.5VDD, and the peak voltage.
VF
VDD = 1.2V, CL = 50pF
0.4
–
–
V
Internal capacitance4
4. CG is the capacitance between VDD and XT. CD is the capacitance between VDD and XTN.
CG
Refer to the SERIES LINEUP
pF
CD
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com