Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CF5760 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # CF5760
Description  CMOS Analog Clock IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5760 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  CF5760 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5760 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5760 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5760 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5760 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5760 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5760 Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CF5760 series
SEIKO NPC CORPORATION —4
FUNCTIONAL DESCRIPTION
Motor Output
Motor output waveform (step motor driver)
Motor output waveform (sweep motor driver)
Input Chattering Elimination Function (AI/R)
A bounce delay is provided on the AI/R input to eliminate erroneous operation caused by input bounce (chat-
tering).
Input Control Functions
When AI/R is open circuit, a 256Hz signal is output.
When AI/R is HIGH or LOW, it selects the alarm (HIGH)/reset (LOW) function or reset (HIGH)/alarm (LOW)
function depending on the version.
tON < 62.5ms: input is ignored.
62.5
≤ tON ≤ 125ms: indeterminate
tON > 125ms: input is accepted.
O1
(Active High)
O2
(Active High)
tPW
tPW
tCY
tCY : Needle period
tPW : Pulse width
tCY
O1
O2
tCY
62.5ms
tCY : Needle period
tPW : Pulse width
tCY
62.5ms
tPW
62.5ms
tPW
62.5ms
tON
AI/R
(Active Low)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com