Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CF5760 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF5760
Description  CMOS Analog Clock IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5760 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF5760 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5760 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5760 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5760 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5760 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5760 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5760 Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CF5760 series
SEIKO NPC CORPORATION —1
CMOS Analog Clock IC
OVERVIEW
The CF5760 series are analog clock ICs that derive their timing from a 32.768 kHz oscillator element. They
feature a reset function (optional seconds control function) which can be used to maintain accurate time. Vari-
ous alarm functions and motor outputs are available to match a wide range of clock specifications.
FEATURES
I
1.2 to 2.0V operating supply voltage
I
1.2µA (typ) / 1.5V current consumption
I
32.768 kHz oscillator circuit
I
Oscillator capacitance CG and CD built-in
I
Alarm output function
I
Reset function (optional seconds control function)
I
Input chattering elimination function (AI/R)
I
Chip form (CF5760
××)
PAD LAYOUT
(Unit: mm)
SERIES CONFIGURATION
ORDERING INFORMATION
Chip size: 0.76
× 1.21 mm
Chip thickness: 300 ± 30 µm
Pad size: 100
× 100 µm
Reverse side: VDD level
1
XT
VSS
(0,0)
2
3
45
9
8
7
6
XTN
AON
AO
VDD
O1
AI/R
O2
HA5760
(760, 1210)
CF5760AA
CF5760BA
CF5760CC
CF5760DA
CF5760EA CF5760FC CF5760GB CF5760HA
CF5760JA
Built-in
capacitance1
1. Built-in capacitance includes the parasitic capacitance.
CG [pF]
33333
3
27
33
CD [pF]
25
25
33
25
25
33
26
25
25
Alarm input/reset input level
HIGH/LOW
HIGH/LOW
LOW/HIGH
LOW/HIGH
–/LOW
LOW/HIGH
LOW/HIGH
LOW/HIGH
LOW/HIGH
Motor output
Active level
LOW
LOW
HIGH
LOW
–
–
HIGH
HIGH
–
Needle period
tCY [s]
11111
0.0625
1
1
0.0625
Pulsewidth
tPW [ms]
23.4
23.4
31.25
27.3
1000
62.5
31.25
46.875
62.5
Alarm output
Pins
AO
AON
AO
AON
AO
AON
AO
AON
AO
AON
AO
AON
AO
AON
AO
AON
AO
AON
Active level
HIGH LOW HIGH
F
(32kHz)
HIGH LOW HIGH
F
(32kHz)
–
–
HIGH LOW HIGH LOW HIGH LOW HIGH
F
(32kHz)
Frequency
fPW [kHz]
44
DC
–
22
DC
–
––222222
DC
–
Modulation
fCY [Hz]
8
8
–
–
8 + 1
8 + 1
–
–
–
–
8 + 1
8 + 1
8 + 1
8 + 1
8 + 1
8 + 1
–
–
IOH min [µA]
900
900
900
10
900
900
900
10
–
–
900
900
900
900
900
900
900
10
IOL min [µA]
900
900
10
10
900
900
10
10
–
–
900
900
10
10
900
900
10
10
Device
Package
CF5760
××
Chip form


Similar Part No. - CF5760

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5761 NPC-CF5761 Datasheet
103Kb / 10P
CMOS Analog Clock IC with Alarm Function
CF5761CA NPC-CF5761CA Datasheet
103Kb / 10P
CMOS Analog Clock IC with Alarm Function
CF5761EA NPC-CF5761EA Datasheet
103Kb / 10P
CMOS Analog Clock IC with Alarm Function
CF5761HA NPC-CF5761HA Datasheet
103Kb / 10P
CMOS Analog Clock IC with Alarm Function
CF5761LB NPC-CF5761LB Datasheet
103Kb / 10P
CMOS Analog Clock IC with Alarm Function
More results

Similar Description - CF5760

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5732EA NPC-CF5732EA Datasheet
42Kb / 6P
Analog clock CMOS IC
CF5741AA NPC-CF5741AA Datasheet
56Kb / 7P
Analog Clock CMOS IC
CF5746AAB NPC-CF5746AAB Datasheet
56Kb / 7P
CMOS Analog Clock IC
CF5750A NPC-CF5750A Datasheet
113Kb / 4P
Analog Clock CMOS IC
logo
NXP Semiconductors
PCA1070 PHILIPS-PCA1070 Datasheet
180Kb / 36P
Multistandard programmable analog CMOS transmission IC
1997 Jun 20
logo
Nippon Precision Circui...
SM6610 NPC-SM6610 Datasheet
106Kb / 7P
CMOS Monolithic Analog Output Temperature Sensor IC
CF5762AB0 NPC-CF5762AB0 Datasheet
98Kb / 10P
Analog Chime Clock CMOS IC
CF5761 NPC-CF5761 Datasheet
103Kb / 10P
CMOS Analog Clock IC with Alarm Function
logo
ELM Technology Corporat...
ELM7S66B ELM-TECH-ELM7S66B Datasheet
329Kb / 4P
CMOS LOGIC IC Analog switch
ELM7SH66XB ELM-TECH-ELM7SH66XB Datasheet
332Kb / 4P
HIGH SPEED CMOS LOGIC IC Analog switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com