Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXP199 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AXP199
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP199 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AXP199 Datasheet HTML 1Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 2Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 3Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 4Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 5Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 6Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 5/50
Enhanced single Cell Li-Battery and Power System Management IC
AXP199
3.典型应用(Typical Application)
AXP199
IRQ
PWRON
PWROK
TS
BAT
APS
VIN2
GND
GND
C14
HOST
AGND
AGND
10uF
1nF
10uF
4.7uH
2.2uH
Reset
Power On/Off
GND
GND
1uF
10uF
4.7u
C13
10u
C16
4.7uF
LDO1
LDO2
LX2
DCDC2
LX1
DCDC1
EXTEN
DCDC2
DCDC1
VIN1
LDO2
LDO1
GND
IPSOUT
10K 1%
470ohm
CHGLED
IPSOUT
VREF
0.22u
GND
GND
IPSOUT
GND
10uF
IPSOUT
C3
GND
0.22u
IPSOUT
VBUS
Adapter
NMI#
SCK
SCK
SDA
SDA
RESET
DRVVBUS
C9
1u
10uF
1nF
IPSOUT
GPIO6
DCDC3
VBUS
IPSOUT
BAT
ACIN
PGND2
PGND1
LDO3
4.7uF
22 Ohm
2.2k
2.2k
51k
VCCIO
C21
C22
C24
C7
C2
C1
GND
GND
LDO3
BIAS
VINT
AGND
200K
C6
1uF
N_VBUSEN
N_RSTO/GPIO5
GND
GND
1nF
4.7uH
2.2uF
C19
LX3
DCDC3
VIN3
IPSOUT
10uF
PGND3
GPIO0/LDOio0
AGND
GPIO7
VCCIO
GPIO1
GPIO2
N_OE
BACKUP
ACIN
GPIO4
NC
GPIO3
GND
10k
LDOIN
C20
10uF
GND
IPSOUT
1 Ohm
C10
4.7uF
10uF
4.7uF
C4
C5
C8
C11
C12
C15
C17
C18
AGND
0 Ohm
C23
1uF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
EP
49
GND
GND
GND
GND
GND
GND
LDO1
10k
LDO1 NC/51k
EXTEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com