Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXP199 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AXP199
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP199 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AXP199 Datasheet HTML 5Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 6Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 9Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 10Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 11Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 12Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 9/50
Enhanced single Cell Li-Battery and Power System Management IC
AXP199
eN
Output Noise,20-80KHz
Vo=1.8V , Io=150mA
18
μVRMS
LDOIO0
VLDOIO0
Output Voltage
I LDOIO0=1mA
-1%
3.3
1%
V
ILDOIO0
Output Current
50
mA
IQ
Quiescent Current
90
μA
PSRR
Power Supply Rejection Ratio
I LDOIO0=10mA,1KHz
TBD
dB
eN
Output Noise,20-80KHz
Vo=1.8V, Io=30mA
18
μVRMS
6.典型特性(Typical Characteristics)
DC-DC
Efficiency
vs.
Load(3.8Vin)
DC-DC
Load
Transient(Typical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com