Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ML6430 Datasheet(PDF) 16 Page - Micro Linear Corporation

Part # ML6430
Description  Genlocking Sync Generator with Digital Audio Clock for NTSC, PAL & VGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6430 Datasheet(HTML) 16 Page - Micro Linear Corporation

Back Button ML6430 Datasheet HTML 12Page - Micro Linear Corporation ML6430 Datasheet HTML 13Page - Micro Linear Corporation ML6430 Datasheet HTML 14Page - Micro Linear Corporation ML6430 Datasheet HTML 15Page - Micro Linear Corporation ML6430 Datasheet HTML 16Page - Micro Linear Corporation ML6430 Datasheet HTML 17Page - Micro Linear Corporation ML6430 Datasheet HTML 18Page - Micro Linear Corporation ML6430 Datasheet HTML 19Page - Micro Linear Corporation ML6430 Datasheet HTML 20Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
ML6430/ML6431
16
FUNCTIONAL DESCRIPTION (Continued)
CONTROL REGISTER INFORMATION
REGISTER
SETTING
PulsePol[2:0]
000
Clk4X
0
Pixel[10:0]
Determined by PRESET pin
Burst
0
CSyncRaw
0
RawClamp
0
TTL Sync
0
WideBlank
0
HDelay[6:0]
1000000
Noise Gating
0
Test 3,1,4
0, 0, 0
External 54
Clock IN
0
FAud[1:0]
01
VCR
0
SLEEP
0
Thresh[1:0]
11
VGA
Determined by PRESET pin
Div4
Determined by PRESET pin
Fstd[2:0]
Determined by PRESET pin
PALXTAL
Determined by PRESET pin
Table 8. Default Control Register Settings for Preset Mode
REGISTER DESCRIPTION
SLEEP: Enables or disables sleep mode. When using
serial bus control, ALL registers must be programmed to
their intended state after power up to ensure correct
operation of the ML6430/ML6431.
CSR: Composite sync register bit controls whether
composite sync output is from the sync separator,
(raw CSYNC) or from the internal pulse generator
(regenerated CSYNC).
Pulse Polarity Control: The active state of output sync
pulses, blanking pulses, or clamp pulses may be
programmed to either 0 or 1 state by use of these bits.
P0:CSYNC pulse output is high active when 1,
low active when 0.
P1:HBLANK, and VBLANK pulse outputs are high
active when 1, low active when 0.
P2:SCLAMP and BCLAMP pulse outputs are high
active when 1, low active when 0.
Burst: Controls the length of Burst Gate so pulse can be
used for either burst gating in encoder applications or
back porch clamping.
RawClamp: Controls the source of the SCLAMP (sync
clamp) pulse. Pulse is timed relative to incoming sync
edge, or regenerated sync edge.
PALXTAL: Controls the expected crystal frequency at the
oscillator inputs. 0 = NTSC 3.58MHz, or 1 = PAL 4.43MHz.
Thresh1,Thresh0: Selects the pixel error threshold at
which relock is initiated. Values are:
0,0: 2.5 pixels
0,1: 2.5 pixels
1,0: 1.0 pixels
1,1: 4.0 pixels
Noise Gating: Enables a 3/4 line window to lockout any
unwanted horizontal sync pulses.
VGA: Produces non-interlaced progressive scan outputs.
Div4: Controls the prescaler in the M/N loop. High means
that 4Fs external oscillator signals are expected, low
assumes a PAL or NTSC Fs crystal will be used.
VCR: Controls the gain range and locking maneuvers of
the digital loop. Provides better locking to the
unpredictability of VCR headswitches and jitter.
Blanking Width Control: The number of blanked lines in
the vertical interval is programmable to either 9 or 16.
XTAL: external Crystal Control: 0=NTSC 3.58MHz, or
1=PAL 4.43MHz, for both local crystal and external
oscillator mode.
External 54MHz Clock: This mode permits injecting a
54MHz clock (or other 4X clock) directly into the
horizontal pixel counter via the SLEEP pin. All timing
pulses are synchronous to the 54MHz clock (or other 4X
clock).
Serial Bus Control: To place the Ml6430/ML6431 in serial
mode, take P0 (Preset ) to logical '0' or ground. The serial
control system is written to by the external processor in 8-
bit bytes. Each of these bytes is partitioned into an
address (upper 4 bits of serial byte) and a data register
(lower 4 bits of serial byte). In Table 10, the Register
heading refers to the 4-bit address, and Data Bit refers to a
particular bit in the 4-bit register (Bit0 is LSB).
Pixel: Program all bits to zero to enable default values for
each standard. Otherwise use the following equation:
P[10:0] = 2
´ (number of pixels per line) – 1024 (1)
Test: All test bits must be programmed to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com