Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ML6430 Datasheet(PDF) 18 Page - Micro Linear Corporation

Part # ML6430
Description  Genlocking Sync Generator with Digital Audio Clock for NTSC, PAL & VGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6430 Datasheet(HTML) 18 Page - Micro Linear Corporation

Back Button ML6430 Datasheet HTML 14Page - Micro Linear Corporation ML6430 Datasheet HTML 15Page - Micro Linear Corporation ML6430 Datasheet HTML 16Page - Micro Linear Corporation ML6430 Datasheet HTML 17Page - Micro Linear Corporation ML6430 Datasheet HTML 18Page - Micro Linear Corporation ML6430 Datasheet HTML 19Page - Micro Linear Corporation ML6430 Datasheet HTML 20Page - Micro Linear Corporation ML6430 Datasheet HTML 21Page - Micro Linear Corporation ML6430 Datasheet HTML 22Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
ML6430/ML6431
18
REGISTER
DATA
DESCRIPTION
VALUE RANGE
BIT CODE
BIT
RANGE
0
0
PulsePol 0
CSYNC Polarity
High Active-Low Active
0 or 1
0
1
PulsePol 1
H/V Blank Polarity
High Active-Low Active
0 or 1
0
2
PulsePol 2
S/B Clamp Polarity
High Active-Low Active
0 or 1
0
3
Clk 4X
Select 4X Clock
Low 1X Clock = 13.5MHz
0 or 1
High 4X Clock = 54MHz
1
0
Pixel0
Pix Counter Load Bit 0
1
1
Pixel1
Pix Counter Load Bit 1
1
2
Pixel2
Pix Counter Load Bit 2
1
3
Pixel3
Pix Counter Load Bit 3
2
0
Pixel4
Pix Counter Load Bit 4
2
1
Pixel5
Pix Counter Load Bit 5
2
2
Pixel6
Pix Counter Load Bit 6
2
3
Pixel7
Pix Counter Load Bit 7
3
0
Pixel8
Pix Counter Load Bit 8
3
1
Pixel9
Pix Counter Load Bit 9
3
2
Pixel10
Pix Counter Load Bit 10
3
3
Burst
Burst Gate Enable
Low = Back Porch Clamp
0 or 1
High = Burst Gate
4
0
CSyncRaw
(or CSYNC Regen)
Low = regenerated CSYNC
0 or 1
High = raw CSYNC
4
1
RawClamp
(or Clamp Regen)
Low = regenerated Clamp
0 or 1
High = raw Clamp
4
2
TTL Sync
TTL horizontal + vertical
Low = sync separator active
0 or 1
Sync Input
High = TTL horiz + vert sync input
4
3
WideBlank
(or Narrow)
Low = narrow blanking
0 or 1
High = wide blanking
5
0
HDelay0
5
1
HDelay1
5
2
HDelay2
5
3
HDelay3
6
0
HDelay4
6
1
HDelay5
6
2
HDelay6
6
3
Noise Gating 3/4 line lockout
Low = noise gating on
0 or 1
High = noise gating off
Numerical value taken as unsigned
binary. Actual no. of pixels is:
512
10 0
2
+
P:
Do not vary pixel [10:0] by more than
±6% from nominal.
1024 > no. of pixels > 512 and
fNOM x 1.06 > fNEW > fNOM x 0.94
nom = ~011 0000 0000
max = 011 0011 0000
min = 010 1101 0000
H Delay parameter allows
moving the entire constellation
of output pulses relative to the
incoming HSYNC. Exception:
Sync Tip clamp may be
selected for delay or triggered
from incoming sync
depending on application.
7-bit Horizontal Delay parameter.
Values:
–64p< Hdly < 63p, p = 1/F4XCLK
0000000 to 1111111:
0000000 means –64p
1111111 means +63p
1000000 means 0p
Table 10. ML6430 Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com