Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS0260CSSC28SUD20 Datasheet(PDF) 54 Page - ON Semiconductor

Part # AS0260CSSC28SUD20
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 Datasheet(HTML) 54 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 50Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 51Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 52Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 53Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 54Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 55Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 56Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 57Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 58Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
54
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
The AS0260 does not maintain coherency between UVC_BRIGHTNESS_CONTROL and
CAM_AET_TARGET_AVG_LUMA. Issue a Refresh command to force coherency.
Contrast
The AS0260 supports a brightness-dependent contrast control, exposed through the
Camcontrol interface. The actual amount of contrast applied (each frame) is dependent
upon the estimated brightness of the scene. This allows the AS0260 to adapt to various
scene lighting conditions.
The Camcontrol interface provides two contrast settings; one for bright scenes - the
'contrast enhancement' setting, and one for dark scenes - the 'noise reduction' setting.
The AS0260 calculates a 'brightness-metric' each frame - this represents the estimated
brightness of the scene (note the metric is inverse - the smaller the metric, the brighter
the scene). The CAM Control interface supports contrast 'start' and 'stop' controls
(specified in brightness-metric units) which indicate the knee points for the brightness-
dependent contrast.
As shown in Figure 31, if the brightness-metric is below the start point, the Lowlight
algorithm applies the 'contrast enhancement' setting. If the metric is above the stop
point, the 'noise-reduction' setting is applied. If the metric is between the two points,
the Lowlight algorithm calculates the applied contrast by linear interpolation between
the 'contrast enhancement' and 'noise-reduction' settings, proportional to the bright-
ness-metric.
Figure 31:
Brightness-Dependent Contrast Control
The UVC contrast variable controls both the 'contrast enhancement' and 'noise-reduc-
tion' contrast settings. The 'contrast enhancement' value is set directly by UVC contrast.
The 'noise-reduction' value is set proportionally according to the ratio between the CAM
'contrast enhancement' and 'noise-reduction' contrast variable settings.
Variable
Name
Type
Default
R0xCC0C
VAR(0x13,0x000C)
UVC_CONTRAST_CONTROL
UINT16
UFIXED5
32 (contrast gradient of
1.0)
Contrast
Brightness
-Metric
Contrast
Enhancement
Noise-
Reduction
Start
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com