Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS0260CSSC28SUD20 Datasheet(PDF) 60 Page - ON Semiconductor

Part # AS0260CSSC28SUD20
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 Datasheet(HTML) 60 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 56Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 57Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 58Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 59Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 60Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 61Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 62Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 63Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 64Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
60
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
UVC Configuration and Status
The following subsections detail the UVC configuration and status variables. These do
not form part of the UVC standard. They are provided to allow the implementation (or
meaning) of selected UVC controls to be configured.
Manual Exposure Configuration
The UVC_FRAME_INTERVAL_CONTROL variable (frame-interval) allows the host to set
the frame-rate, and the UVC_EXPOSURE_TIME_ABSOLUTE_CONTROL (exposure time)
variable allows the host to directly control the exposure time (both provided auto-expo-
sure mode is disabled). However, in some cases it may be appropriate for the exposure
time to be limited:
• Such that exposure cannot exceed the current frame interval
• Such that image flicker is avoided by constraining exposure to multiples of the power-
line frequency period
If DISABLE_FIXED_FRAME_RATE (bit 0) is clear, any change in exposure time will be
rejected if it exceeds the current value of frame-interval. If DISABLE_FIXED_-
FRAME_RATE is set, the AS0260 will accept any value of exposure time (subject to its
permitted range, and the state of bit 1). Note also that if DISABLE_FIXED_FRAME_RATE
is clear, if frame-interval is reduced to a value below the current exposure time value, the
AS0260 will automatically reduce the exposure time.
If ENABLE_FLICKER_AVOIDANCE (bit 1) is set, any change in exposure time will be
rounded-down to the nearest next multiple of the power-line frequency period. No error
will be reported. If ENABLE_FLICKER_AVOIDANCE is clear, the AS0260 will accept any
value of exposure time (subject to its permitted range).
Note:
The default configuration is to restrict exposure time such that it will not exceed the
frame-interval - this conforms to the UVC 1.1 specification.
Flicker Avoidance Configuration
Configures the AS0260 flicker-avoidance algorithm.
The flicker-avoidance algorithm can operate in two modes:
• Flicker-avoidance: exposure time is restricted to multiples of the flicker period,
regardless of the scene brightness.
• Flicker-avoidance with outdoor override: exposure time is restricted to multiples of
the flicker period, unless the scene brightness is typical for an 'outdoor' scene (where
power line frequency flicker artefacts are not expected). In these brighter scenes, AE
can choose the most appropriate exposure time.
Variable
Name
Type
Default
R0xCC20
VAR(0x13,0x0020)
UVC_MANUAL_EXPOSURE_CONFIG
BITFIELD8
0x0 (fixed frame rate, no flicker avoidance)
Variable
Name
Type
Default
0xCC21
VAR(0x13,0x0021)
UVC_FLICKER_AVOIDANCE_CONFIG
BITFIELD8
Dependent upon CAM configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com