Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS0260CSSC28SUD20 Datasheet(PDF) 59 Page - ON Semiconductor

Part # AS0260CSSC28SUD20
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 Datasheet(HTML) 59 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 55Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 56Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 57Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 58Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 59Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 60Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 61Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 62Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 63Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
59
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
The AS0260 does not maintain coherency between UVC_WHITE_BALANCE_TEMPERA-
TURE_CONTROL and the Camcontrol variable equivalent. Issue a Refresh command to
force coherency.
Note:
The UVC Control interface does not support white balance component control. How-
ever, this feature is supported by the CamControl interface.
White Balance Temperature Auto Control
The white balance temperature auto control enables or disables the AS0260 auto-white-
balance (AWB) algorithm.
When the host switches from auto-white-balance mode to manual white-balance mode,
the AS0260 will update the value of UVC_WHITE_BALANCE_TEMPERATURE_CON-
TROL to reflect the current setting (the previous contents of this variable will be lost).
Frame Interval
Controls the frame-rate (when auto-exposure mode is disabled)
The frame interval control determines the frame-rate when auto-exposure mode is
disabled. If auto-exposure mode is enabled, any change will be rejected with EBUSY.
The permitted range of frame-rates is dependent upon the current Camcontrol configu-
ration (pixel clock speed and sensor configuration). Attempts to set a frame-interval that
is outside this range will be accepted but clamped to the permitted minimum or
maximum. UVC_RESULT_STATUS will be set to ERANGE to indicate a clamp has
occurred.
Variable
Name
Type
Default
R0xCC01
VAR(0x13,0x0001)
UVC_WHITE_BALANCE_TEMPERATURE_AUTO_CONTROL
UINT8
Dependent upon CAM configuration
Variable
Name
Type
Default
R0xCC1C
VAR(0x13,0x001C)
UVC_FRAME_INTERVAL_CONTROL
UINT3
2
The frame-interval when AE is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com