Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE735E Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE735E
Description  36V Input Standoff Voltage, 1.5A Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE735E Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE735E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE735E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE735E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE735E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE735E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE735E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE735E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE735E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE735E Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ACE735E
36V Input Standoff Voltage, 1.5A Step-Down Converter
VER 1.1
3
Packaging Type
SOT-23-6
Ordering information
ACE735E XX
+
H
SOT-23-6
Description
Function
1
BST
Bootstrap pin. Connect a 10nF capacitor from this pin to SW.
2
GND
Ground
3
FB
Feedback Input. Connect an external resistor divider from the
output to FB and GND to set VOUT
4
EN
Enable pin for the IC. Drive this pin high to enable the part, low to
disable.
5
IN
Supply Voltage. Bypass with a 10μF ceramic capacitor to GND.
6
SW
Inductor Connection. Connect an inductor between SW and the
regulator output.
Halogen - free
GM : SOT-23-6
Pb - free



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com