Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE735E Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE735E
Description  36V Input Standoff Voltage, 1.5A Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE735E Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE735E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE735E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE735E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE735E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE735E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE735E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE735E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE735E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE735E Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ACE735E
36V Input Standoff Voltage, 1.5A Step-Down Converter
VER 1.1
4
Block Diagram
Electrical Characteristics
VIN=VEN=5, TA=25℃
Parameter
Conditions
Min
Typ
Max
Unit
Input Standoff Voltage
38
V
Input Voltage Range
4
36
V
Input UVLO
Rising, Hysteresis=140mV
3.8
V
Input OVP
Rising, Hysteresis=1.3V
38
V
Input Supply Current
VFB=0.85V
0.6
m
A
Input Shutdown Current
6
μA
FB Feedback Voltage
0.8
V
FB Input Current
0.01
μA
Switching Frequency
650
KHz
Maximum Duty Cycle
90
%
Fold-Back Frequency
VFB=0 V
60
KHz
High side Switch On Resistance
lSW =200mA
300
High side Switch Current Limit
2.5
A
SW Leakage Current
VIN=12V,VSW=0,EN=GND
10
μA
EN Input Current
VIN=12V,VEN=5V
1
5
μA
EN Input Low Voltage
Rising, Hysteresis=100mV
0.8
1.1
1.4
V
Thermal Shutdown
Hysteresis=40℃
150



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com