Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE735E Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE735E
Description  36V Input Standoff Voltage, 1.5A Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE735E Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE735E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE735E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE735E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE735E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE735E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE735E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE735E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE735E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE735E Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACE735E
36V Input Standoff Voltage, 1.5A Step-Down Converter
VER 1.1
1
Description
The ACE735E is a wide input range, high-efficiency, and high frequency DC-to-DC step-down switching
regulator, capable of delivering up to 1.5A of output current. With a fixed switching frequency of 650KHz,
this current mode PWM controlled converter allows the use of small external components, such as
ceramic input and output caps, as well as small inductors. ACE735E also employs a proprietary control
scheme that switches the device into a power save mode during light load, thereby extending the range of
high efficiency operation. An OVP function protects the IC itself and its downstream system against input
voltage surges. With this OVP function, the IC can stand off input voltage as high as 42V, making it an
ideal solution for industrial applications such as smart meters as well as automotive applications.
In automotive systems, power comes from the battery, with its voltage typically between 9V and 24V.
Including cold crank and double battery jump-starts, the minimum input voltage may be as low as 4V and
the maximum up to 36V, with even higher transient voltages. With these high input voltages, linear
regulators cannot be used for high supply currents without overheating the regulator. Instead, high
efficiency switching regulators such as ACE735E must be used to minimize thermal dissipation.
ACE735E is available in a space-saving SOT23-6 package.
Features
 Wide Input Operating Range from 4V to 36V
 Standoff Input Voltage: 38V
 High Efficiency at 12V In 5V Out: Up to 91%
 High Efficiency PFM mode at light load
 Capable of Delivering 1.5A
 No External Compensation Needed
 Current Mode control
 Logic Control Shutdown
 Thermal shutdown and UVLO
 Available in SOT23-6 Package
Application
 Smart Meters
 Industrial Applications
 Automotive Applications


Similar Part No. - ACE735E

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7352N ACE-ACE7352N Datasheet
192Kb / 3P
40V Input Standoff Voltage, 2A Step-Down Converter
VER 1.1
ACE7353N ACE-ACE7353N Datasheet
187Kb / 3P
High Efficiency, 3A 40V Input Synchronous Step-Down Regulator
VER 1.1
ACE7355YFL+H ACE-ACE7355YFL+H Datasheet
231Kb / 4P
5.5V, 6A, 1.2MHz, High-Efficiency Buck Converter
VER 1.1
ACE7356N ACE-ACE7356N Datasheet
190Kb / 3P
High Efficiency, 85V Input0.6A Asynchronous Step Down Regulator
VER 1.1
ACE7358F ACE-ACE7358F Datasheet
190Kb / 3P
High Efficiency, 1.2MHz, 52V Input, 0.8A Asynchronous Step Down Regulator
VER 1.2
More results

Similar Description - ACE735E

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4012A ACTIVE-SEMI-ACT4012A_08 Datasheet
299Kb / 10P
Wide Input 1.5A Step Down Converter
Rev0, 16-May-08
logo
Monolithic Power System...
MP4459 MPS-MP4459 Datasheet
451Kb / 17P
1.5A, 4MHz, 36V Step-Down Converter
MPQ4459 MPS-MPQ4459 Datasheet
398Kb / 17P
Industrial Grade,1.5A, 4MHz, 36V Step-Down Converter
logo
Leshan Radio Company
LR9641 LRC-LR9641 Datasheet
861Kb / 8P
42V Input Standoff Voltage, 0.7A Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9641 BELLING-BL9641 Datasheet
1Mb / 7P
42V Input Standoff Voltage, 0.7A Step-Down Converter
BL9641B BELLING-BL9641B Datasheet
473Kb / 7P
42V Input Standoff Voltage, 0.4A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE736E ACE-ACE736E Datasheet
644Kb / 9P
42V Input Standoff Voltage, 0.4A Step-Down Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA2821 ETA-ETA2821 Datasheet
199Kb / 1P
42V Input Standoff Voltage, 1.5A Step-Down Converter in SOT23-6
ETA2845 ETA-ETA2845 Datasheet
138Kb / 1P
42V Input Standoff Voltage, 0.4A Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7352N ACE-ACE7352N Datasheet
192Kb / 3P
40V Input Standoff Voltage, 2A Step-Down Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com