Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP5502 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # SP5502
Description  1.3GHz I2C BUS 4-Address Synthesiser
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5502 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  SP5502 Datasheet HTML 1Page - Mitel Networks Corporation SP5502 Datasheet HTML 2Page - Mitel Networks Corporation SP5502 Datasheet HTML 3Page - Mitel Networks Corporation SP5502 Datasheet HTML 4Page - Mitel Networks Corporation SP5502 Datasheet HTML 5Page - Mitel Networks Corporation SP5502 Datasheet HTML 6Page - Mitel Networks Corporation SP5502 Datasheet HTML 7Page - Mitel Networks Corporation SP5502 Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The SP5502 is a single-chip frequency synthesiser designed
for TV tuning systems. Control data is entered in the standard
I2C BUS format. The SP5502 has four programmable I2C BUS
addresses, which allows two or more synthesisers to be used
in a system.
The device is available in two variants: the SP5502F in 14-
lead miniature plastic package (MP14) and the SP5502S in 16-
lead miniature plastic package (MP16). See Features below for
functional differences between the devices.
FEATURES
s Complete 1·3GHz Single Chip System
s Programmable via the I2C BUS
s Low Power Consumption (240mW Typ.)
s Low Radiation
s Phase Lock Detector
s Varactor Drive Amp Disable
s 5 20mA Controllable Outputs (SP5502S)
s 3 20mA Controllable Outputs (SP5502F)
s Variable I2C BUS Address for Multi-Tuner Applications
s ESD Protection *
* Normal ESD handling precautions should be observed.
APPLICATIONS
s Cable Tuning Systems
s VCRs
Fig. 1 Pin connections – top view
ORDERING INFORMATION
SP5502F KG MPAS (14-lead miniature plastic package)
SP5502S KG MPAS (16-lead miniature plastic package)
Fig. 2 Block diagram of SP5502S. (Ports P0 and P4 not present on SP5502F)
SP5502
1.3GHz I2C BUS 4-Address Synthesiser
Supersedes version in April 1994 Consumer IC Handbook, HB3120 - 2.0
DS3031 - 5.0 January 1997


Similar Part No. - SP5502

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP55001 SIPAT-SP55001 Datasheet
155Kb / 4P
550MHz Low-loss SAW Filter 45MHz Bandwidth
More results

Similar Description - SP5502

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
NJ88C33 MITEL-NJ88C33 Datasheet
155Kb / 11P
Frequency Synthesiser (I2C BUS Programmable)
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5512 MITEL-SP5512 Datasheet
241Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
2.7GHz I2C Bus Controlled Synthesiser
SP5769 MITEL-SP5769 Datasheet
223Kb / 11P
3GHz I2C Bus Synthesiser
logo
Zarlink Semiconductor I...
SP5511 ZARLINK-SP5511 Datasheet
182Kb / 12P
Bidirectional I2C Bus 4-Address Synthesiser
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
Bidirectional I2C Bus Controlled Synthesiser
SP5610 ZARLINK-SP5610 Datasheet
593Kb / 15P
1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
NJ88C33 ZARLINK-NJ88C33 Datasheet
456Kb / 14P
Frequency Synthesiser (I2C BUS Programmable)
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
2.7GHz I2C Bus Controlled Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com