Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP5502 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SP5502
Description  1.3GHz I2C BUS 4-Address Synthesiser
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5502 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SP5502 Datasheet HTML 1Page - Mitel Networks Corporation SP5502 Datasheet HTML 2Page - Mitel Networks Corporation SP5502 Datasheet HTML 3Page - Mitel Networks Corporation SP5502 Datasheet HTML 4Page - Mitel Networks Corporation SP5502 Datasheet HTML 5Page - Mitel Networks Corporation SP5502 Datasheet HTML 6Page - Mitel Networks Corporation SP5502 Datasheet HTML 7Page - Mitel Networks Corporation SP5502 Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SP5502
Table 1 Write data format (MSB transmitted first)
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Address
Programmable divider
Programmable divider
Charge pump and test bits
I/O port control bits
1
214
26
CP
X
0
213
25
T1
X
0
212
24
T0
P4
*
0
211
23
1
X
MA0
29
21
1
P1
MA1
210
22
1
P2
A
A
A
A
A
MSB
1
0
27
1
P7
LSB
0
28
20
OS
P0
*
Table 2 Read data format
Byte 1
Byte 2
Address
Status byte
1
FL
0
N
0
N
0
N
MA0
N
MA1
N
A
A
1
POR
1
N
Table 3 Address selection
MA0
0
1
0
1
MA1
0
0
1
1
Voltage input to P3
0V to 0·1VCC
Open circuit
0·4VCC to 0·6VCC
0·9VCC to VCC
A
: Acknowledge bit
MA1, MA0
: Variable address bits (see Table 3)
CP
: Charge Pump current select
T1
: Test mode selection
T0
: Charge pump disable
OS
: Varactor drive Output disable Switch
P7, P4
*, P2, P1, P0* :
Control output port states
POR
: Power On Reset indicator
FL
: Phase lock detect flag
X
: Don’t care
N
: Not valid
NOTES
† Programmed by connecting a 15k
Ω resistor between Address Select Port P3 and VCC.
* Don’t care condition on SP5502F.
Fig. 3 Data formats
The programmed frequency can be calculated by multiply-
ing the programmed division ratio by 8 times the comparison
frequency FCOMP.
When frequency data is entered, the phase comparator,
via the charge pump and varactor drive amplifier, adjusts the
local oscillator control voltage until the output of the program-
mable divider is frequency and phase locked to the comparison
frequency.
The reference frequency may be generated by an external
source capacitively coupled into pin 2 or provided by an on-
chip 4MHz crystal controlled oscillator.
Note that the comparison frequency is 7·8125kHz when a
4MHz reference is used.
Bit 2 of Byte 4 of the programming data (CP) controls the
current in the charge pump circuit, a logic 1 for
170µA and
a logic 0 for
50µA, allowing compensation for the variable
tuning slope of the tuner and also to enable fast channel
changes over the full band. Bit 4 of Byte 4 (T0) disables the
charge pump if set to a logic 1. Bit 8 of Byte 4 (OS) switches
the charge pump drive amplifier’s output off when it is set to
a logic 1. Bit 3 of Byte 4 (T1) selects a test mode where the
phase comparator inputs are available on P2 and P7, a logic
1 connects FCOMP to P2 and FDIV to P7.
Byte 5 programs the output ports P0-P2, P4 and P7 on the
SP5502S (P1, P2 and P7 only on SP5502F), a logic 0 for a
high impedance output, logic 1 for low impedance (on).
READ MODE
When the device is in the read mode the status data read from
the device on the SDA line takes the form shown in Table 2. Bit
1 (POR) is the power supply to the device has dropped below a
nominal 3V and the programmed information lost (e.g., when the
device is initially turned on). The POR is set to 0 when the read
sequence is terminated by a stop command. The outputs are all
set to high impedance when the device is initially powered up. Bit
2 (FL) indicates whether the device is phase locked, a logic 1 is
present if the device is locked and a logic 0 if the device is
unlocked.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com