Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP5502 Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # SP5502
Description  1.3GHz I2C BUS 4-Address Synthesiser
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5502 Datasheet(HTML) 6 Page - Mitel Networks Corporation

  SP5502 Datasheet HTML 1Page - Mitel Networks Corporation SP5502 Datasheet HTML 2Page - Mitel Networks Corporation SP5502 Datasheet HTML 3Page - Mitel Networks Corporation SP5502 Datasheet HTML 4Page - Mitel Networks Corporation SP5502 Datasheet HTML 5Page - Mitel Networks Corporation SP5502 Datasheet HTML 6Page - Mitel Networks Corporation SP5502 Datasheet HTML 7Page - Mitel Networks Corporation SP5502 Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
SP5502
Fig. 7 Typical input impedance
ABSOLUTE MAXIMUM RATINGS
All voltages are referred to VEE = 0V
Supply voltage
RF input voltage
Port voltage
Total port output current
RF input DC offset
Charge pump DC offset
Drive output DC offset
Crystal oscillator DC offset
SDA, SCL input voltage
Storage temperature
Junction temperature
MP16 thermal resistance, chip-to-ambient
MP16 thermal resistance, chip-to-case
MP14 thermal resistance, chip-to-ambient
MP14 thermal resistance, chip-to-case
Power consumption at 5·5V
Conditions
Parameter
Units
7
2·5
14
6
VCC 0·3
50
VCC 0·3
VCC 0·3
VCC 0·3
VCC 0·3
VCC 0·3
5·5
150
150
111
41
123
45
363
Value
Max.
Min.
0·3
0·3
0·3
0·3
0·3
0·3
0·3
0·3
0·3
0·3
55
Pin
SP5502F
SP5502S
12
13,14
6,7, 9-11
6,7, 9-11
8
6,7, 9-11
13,14
1
16
2
4,5
10
11,12
6,8, 9
6,8, 9
7
6,8, 9
11,12
1
14
2
4,5
V
V p-p
V
V
V
mA
V
V
V
V
V
V
°C
°C
°C/W
°C/W
°C/W
°C/W
mW
Port in off state
Port in on state
With VCC applied
VCC not applied



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com