Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SM8703AV Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM8703AV
Description  Clock Generator for MPEG2 System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8703AV Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM8703AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SM8703AV
NIPPON PRECISION CIRCUITS—3
PIN DESCRIPTION
Number
Name
I/O
Description
1
V D D
P ow er supply for Digital block
2
V S S
VSS for Digital block
3
M O 1
O
27 MHz fixed-frequency output 1
4
MCK
Ip1
1. Schmitt trigger input with internal pull-up resistor
Ser ial interface bit clock input
5
MLEN
Ip1
Ser ial interface latch enable input
6
V D D A
P ow er supply for Analog block
7
VSSA
VSS for Analog block
8
XTI
I
Reference signal crystal oscillator element connection or external clock input
9
X T O
O
Reference signal crystal oscillator element connection
1 0
R S V
Reser ved (must be open)
1 1
R S V
Reser ved (must be open)
1 2
S O 1
O
33.8688 MHz fixed-frequency output
1 3
VSS2
VSS for Output buffer
1 4
VDD2
P ow er supply for Output buffer
1 5
S O 4
O
512fs output
1 6
S O 3
O
512fs output
1 7
R S V
Reser ved (must be open)
1 8
VSS1
VSS for Output buffer
1 9
VDD1
P ow er supply for Output buffer
2 0
S O 2
O
384fs output
2 1
R S V
Reser ved (must be open)
2 2
S O 5
O
768fs output
2 3
FSEL/MDT
Ip1
P arallel mode: Sampling frequency select signal input
Ser ial mode: Control data input
2 4
M O 2
O
27 MHz fixed-frequency output 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com