Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SM8703AV Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM8703AV
Description  Clock Generator for MPEG2 System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8703AV Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM8703AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SM8703AV
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Clock Generator for MPEG2 System
OVERVIEW
The SM8703AV is a 27 MHz master clock, 5-system output clock generator for MPEG2 system. It has 2 built-
in PLLs that, with the addition of a single crystal oscillator element, can generate 384fs, 512fs and 768fs
clocks which are necessary for MPEG2 system, plus independent fixed-frequency 27 MHz and 33.8688 MHz
output clocks. Each output can stop unused output by using disable function, therefore, unnecessary radiation
can be suppressed. Also, visual and audio synchronous is not disrupted since each output frequency is kept in
the normal ratio. Supported sampling frequencies (fs) include 44.1 or 48 kHz.
FEATURES
s
27 MHz master clock (internal PLL reference
clock)
s
Generated clocks
• 27 MHz output
• 33.8688 MHz output
• 384fs output
• 512fs output
• 768fs output
s
Sampling frequency fs
• 44.1/48 kHz
s
Output disable function
s
Low jitter output: 100 ps (typ, 15pF load)
s
Supply voltage: 3.3 V
s
24-pin VSOP package
APPLICATIONS
s
DVD players
s
Set top box
s
MPEG2 system
ORDERING INFORMATION
PINOUT
(Top View)
PACKAGE DIMENSIONS
(Unit: mm)
D e vice
P a ck ag e
SM8703AV
24-pin VSOP
VDD
VSS
MO1
MCK
MLEN
VDDA
VSSA
MO2
FSEL/MDT
SO5
RSV
SO2
VDD1
VSS1
XTI
RSV
XTO
RSV
SO3
SO4
1
12
13
24
RSV
SO1
VDD2
VSS2
7.8
± 0.1
0.65
0.22
− 0.05
+ 0.1
0.13 M
0.1
0.15
− 0.02
+ 0.05
0 to 10


Similar Part No. - SM8703AV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8703CV NPC-SM8703CV Datasheet
98Kb / 12P
Clock Generator for DVD Players
More results

Similar Description - SM8703AV

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-168 ICST-ICS9248-168 Datasheet
172Kb / 14P
AMD - K7??Clock Generator for Mobile System
Rev B 01/09/01
ICS9248-189 ICST-ICS9248-189 Datasheet
236Kb / 15P
AMD - K7??Clock Generator for Mobile System
logo
List of Unclassifed Man...
UT8586SC ETC1-UT8586SC Datasheet
87Kb / 6P
CLOCK GENERATOR FOR PENTIUM BASED SYSTEM
logo
PulseCore Semiconductor
ASM3P2854B PULSECORE-ASM3P2854B Datasheet
389Kb / 8P
Custom Clock Generator for Fax System
ASM3P2854B PULSECORE-ASM3P2854B_1 Datasheet
389Kb / 8P
Custom Clock Generator for Fax System
ASM3P2855B PULSECORE-ASM3P2855B Datasheet
317Kb / 7P
Custom Clock Generator for Fax System
ASM3P2855B PULSECORE-ASM3P2855B_1 Datasheet
317Kb / 7P
Custom Clock Generator for Fax System
logo
ON Semiconductor
ASM3P2854C ONSEMI-ASM3P2854C Datasheet
159Kb / 8P
Custom Clock Generator for Fax System
MARCH 2010 ??Rev. 1
ASM3P2855D ONSEMI-ASM3P2855D Datasheet
148Kb / 7P
Custom Clock Generator for FAX System
MARCH 2010 ??Rev. 1
logo
Renesas Technology Corp
6P41505 RENESAS-6P41505 Datasheet
561Kb / 27P
System Clock Generator
MAY 1, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com