Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SM8703AV Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM8703AV
Description  Clock Generator for MPEG2 System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8703AV Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM8703AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8703AV Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SM8703AV
NIPPON PRECISION CIRCUITS—6
Serial Interface AC Characteristics
External clock, Ta = –40 to 85 °C, VDDA = VDD = VDD1 = VDD2 = 3.0 to 3.6 V unless otherwise stated
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
MCK HIGH-level pulsewidth
tMCWH
40
ns
MCK LO W -level pulsewidth
tMCWL
40
ns
MCK pulse cycle time
tMCY
100
ns
MDT setup time
tMDS
40
ns
MDT hold time
tMDH
40
ns
MLEN setup time1
1. Time from the MLEN falling edge to the next MCK rising edge. If the MCK clock stops after the LSB, the MLEN rise timing is optional.
tMLS
40
ns
MLEN hold time2
2. Time from MCK r ising edge corresponding to the LSB to the MLEN rising edge.
tMLH
40
ns
MLEN HIGH-level pulsewidth
tMHH
200
ns
MLEN LO W -level pulsewidth
tMLL
16
× t
MCY
––
ns
MLEN
tMLS
0.5VDD
tMCWL
tMCWH
tMCY
MCK
MDT
MSB
LSB
tMDH
tMDS
tMLH
tMLS
tMHH
tMLL
0.5VDD
0.5VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com